Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6436S Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV6436S
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6436S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV6436S Datasheet HTML 4Page - STMicroelectronics STV6436S Datasheet HTML 5Page - STMicroelectronics STV6436S Datasheet HTML 6Page - STMicroelectronics STV6436S Datasheet HTML 7Page - STMicroelectronics STV6436S Datasheet HTML 8Page - STMicroelectronics STV6436S Datasheet HTML 9Page - STMicroelectronics STV6436S Datasheet HTML 10Page - STMicroelectronics STV6436S Datasheet HTML 11Page - STMicroelectronics STV6436S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical Characteristics
STV6436
8/17
2.3.2
Chroma Section
Test conditions: TAMB = 25°C, VCC =5 V; VCCB =5V; RGENERATOR =75 Ω and RLOUT =75 Ω
unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level
3V
RIN
Input Resistance
30
50
k
Ω
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
1
VPP
DYN
Dynamic Output Signal
2
VPP
DCCOUT
DC Output Voltage (COUT)
Without signal
1.5
V
CF1
-1 dB Bandwidth (Flatness)
4
4.5
MHz
CF3
-3 dB Bandwidth
7MHz
CSBR
Stopband Rejection
27 MHz versus 100 kHz
- 40
dB
Flatness
Spread of Gain in Video Bands
VIN = 1 VPP
Band = 15 kHz to 5 MHz for Y1
and CVBS
±0.5
dB
CCTo
Crosstalk Isolation of C from Y1, Y2
and CVBS Channels
VIN = 1 VPP at f = 3.58 MHz,
on Y1 or Y2 or CVBS inputs,
RLOAD = 150Ω
55
dB
ROUT
Output Resistance
5
10
Ω
GC
Gain on C channel
VIN = 1 VPP at f = 1 MHz
5.566.5
dB
CToYdel
Chroma to Luma Delay, source Y1/C
VIN = 1 VPP at f = 3.58 MHz
20
ns
YCadd
Voltage to be applied at CVBS_ENC
input for Y+C adder selection
VCC
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com