Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAMES-2 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # KAMES-2
Description  The illustration shows versions KAMES 2 and KAMES 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

KAMES-2 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  KAMES-2 Datasheet HTML 1Page - PHOENIX CONTACT KAMES-2 Datasheet HTML 2Page - PHOENIX CONTACT KAMES-2 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT GmbH & Co. KG
Page 1 / 3
http://www.phoenixcontact.de
Mar 14, 2008
Extract from the online
catalog
 
KAMES 2
This product has been replaced by a newer version.
Order No.: 1206007
The illustration shows versions KAMES 2 and KAMES 3
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1206007
 
 
Stripping tool, for conductors and cables of 4.5 to 29 mm diameter
 
Commercial data
EAN
4017918137779
Pack
1 Pcs.
Customs tariff
82032090
Weight/Piece
0.1083 KG
Catalog page information
Page 336 (PC-2007)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Length
138 mm
Color
black
Weight
0.1 kg


Similar Part No. - KAMES-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
KAMES-3-EKL PHOENIX-KAMES-3-EKL Datasheet
93Kb / 3P
The illustration shows versions KAMES 2 and KAMES 3
KAMES-LWL PHOENIX-KAMES-LWL Datasheet
45Kb / 2P
Cable knife for polymer fiber, for external sheath
More results

Similar Description - KAMES-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UDK-RELG4 PHOENIX-UDK-RELG4 Datasheet
246Kb / 5P
The illustration shows versions with a different no. of positions
URELG2 PHOENIX-URELG2 Datasheet
170Kb / 5P
The illustration shows versions with a different no. of positions
URELG2-PMTK PHOENIX-URELG2-PMTK Datasheet
237Kb / 6P
The illustration shows versions with a different no. of positions
URELG3 PHOENIX-URELG3 Datasheet
170Kb / 5P
The illustration shows versions with a different no. of positions
URELG3-PMTK PHOENIX-URELG3-PMTK Datasheet
238Kb / 5P
The illustration shows versions with a different no. of positions
KAMES-3-EKL PHOENIX-KAMES-3-EKL Datasheet
93Kb / 3P
The illustration shows versions KAMES 2 and KAMES 3
1206007 PHOENIX-1206007 Datasheet
89Kb / 3P
KAMES 2
1206010 PHOENIX-1206010 Datasheet
93Kb / 3P
KAMES 2/3 EKL
2716046 PHOENIX-2716046 Datasheet
138Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716062 PHOENIX-2716062 Datasheet
139Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com