Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6436D Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV6436D
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6436D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV6436D Datasheet HTML 9Page - STMicroelectronics STV6436D Datasheet HTML 10Page - STMicroelectronics STV6436D Datasheet HTML 11Page - STMicroelectronics STV6436D Datasheet HTML 12Page - STMicroelectronics STV6436D Datasheet HTML 13Page - STMicroelectronics STV6436D Datasheet HTML 14Page - STMicroelectronics STV6436D Datasheet HTML 15Page - STMicroelectronics STV6436D Datasheet HTML 16Page - STMicroelectronics STV6436D Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
STV6436
Package Mechanical Data
Figure 15: 24-Pin Plastic Small Outline Package (SO24)
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
15.20
15.60
0.599
0.614
E
7.40
7.60
0.291
0.299
e
1.27
0.050
H
10.00
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
α
0°
8°
0°
8°
L
0.40
1.27
0.016
0.050
C
h x 45×
L
a
A
A1
e
B
D
H
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com