Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893-TK Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T48C893-TK
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893-TK Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T48C893-TK Datasheet HTML 17Page - ATMEL Corporation T48C893-TK Datasheet HTML 18Page - ATMEL Corporation T48C893-TK Datasheet HTML 19Page - ATMEL Corporation T48C893-TK Datasheet HTML 20Page - ATMEL Corporation T48C893-TK Datasheet HTML 21Page - ATMEL Corporation T48C893-TK Datasheet HTML 22Page - ATMEL Corporation T48C893-TK Datasheet HTML 23Page - ATMEL Corporation T48C893-TK Datasheet HTML 24Page - ATMEL Corporation T48C893-TK Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
21 (82)
4
Peripheral Modules
4.1
Addressing Peripherals
Accessing the peripheral modules takes place via the I/O
bus (see figure 21). The IN or OUT instructions allow di-
rect addressing of up to 16 I/O modules. A dual register
addressing scheme has been adopted to enable direct ad-
dressing of the ”primary register”. To address the
”auxiliary register”, the access must be switched with an
”auxiliary switching module”. Thus a single IN (or OUT)
to the module address will read (or write) into the module
primary register. Accessing the auxiliary register is per-
formed with the same instruction preceded by writing the
module address into the auxiliary switching module. Byte
wide registers are accessed by multiple IN- (or OUT-)
instructions. For more complex peripheral modules, with
a larger number of registers, extended addressing is used.
In this case a bank of up to 16 subport registers are indi-
rectly addressed with the subport address. The first
OUT-instruction writes the subport address to the sub-
address register, the second IN- or OUT-instruction reads
data from or writes data to the addressed subport.
Subaddress Reg.
Subport 0
Subport 1
Subport Fh
Subport Eh
I/O bus
Aux. Reg.
Primary Reg.
Bank of
Primary Regs.
Primary Reg.
Primary Reg.
(Address Pointer)
Auxiliary Switch
Module
Indirect Subport
Access
Dual Register
Access
Single Register
Access
to other modules
Address(M2) Address(ASW) OUT
Aux._Data
Address(M2) OUT
Prim._Data
Address(M2) OU T
(Primary Register Write)
Prim._Data Address(M3) O UT
(P rima ry Register Write)
Addr.(SPort)
Addr.(M1)
OUT
1
2
(Subport Register Write)
SPort_Data
Addr.(M1)
OUT
3
4
5
1
2
3
6
6
4
5
Example of
qFORTH
Program
Code
Addr.(Mx) = Module Mx Addr ess
Aux._Data = da ta to be written into Auxilia ry Register
Prim._Data = data to be written into P rimar y Register.
Addr.(SPort) Addr.(M1)
OUT
1
2
(Subport Register Read)
Addr.(M 1)
IN
Address(M2) Address(ASW) OUT
Address(M 2)
IN
(Auxiliary Register Rea d)
4
5
Address(M 2)
IN
(Primary Register Rea d)
3
Address(M3) IN
(Prima ry Register Read)
6
Addr.(ASW) = Auxiliary Switch Module Address
Addr.(SPort) Addr.(M1)
OUT
1
2
(Subport Register Write Byte)
SPort_Data(lo) Addr.(M1)
OUT
2
Addr.(SPort) Addr.(M1)
OUT
1
2
(Subport Register Rea d Byte)
Addr.(M 1)
IN
2
SPort_Data(hi) Addr.(M1) OUT
Addr.(M 1)
IN
SPort_Data(lo) = data to be written into SubP ort (low nibble)
SPort_Data(hi) = da ta to be written into Subport (high nibble)
Addr.(SPort) = Subport Address
Address(M2) Address(ASW) OUT
Aux._Data(lo) Address(M2) OUT
(Auxiliary Register Write Byte)
4
5
Aux._Data(hi) Address(M2) OUT
5
Aux._Data (lo)= data to be written into Auxiliary Register (low nibble)
Aux._Data (hi) = da ta to be written into Auxiliar y Register (high nibble)
( Auxiliary Register Write )
13357
(hi)
(lo)
(lo) = SPort_Data (low nibble)
(hi) = SPort_Data (high nibble)
Module ASW
Module M1
Module M2
Module M3
Figure 21. Example of I/O addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com