Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5000 Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS5000
Description  DIGITAL AUDIO PWM PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5000 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5000 Datasheet HTML 8Page - Texas Instruments TAS5000 Datasheet HTML 9Page - Texas Instruments TAS5000 Datasheet HTML 10Page - Texas Instruments TAS5000 Datasheet HTML 11Page - Texas Instruments TAS5000 Datasheet HTML 12Page - Texas Instruments TAS5000 Datasheet HTML 13Page - Texas Instruments TAS5000 Datasheet HTML 14Page - Texas Instruments TAS5000 Datasheet HTML 15Page - Texas Instruments TAS5000 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2–2
Table 2–1. Oscillator, External Clock, and PLL Functions
DESCRIPTION
M_S
DBSPD
XTL_IN
(MHz)†
MCLK_IN
(MHz)‡
SCLK
(MHz)¶
LRCLK
(kHz)¶
MCLK_OUT
(MHz)#
Master, normal speed
1
0
11.2896
—
2.8224
44.1
11.2896
Master, normal speed
1
0
12.288
—
3.072
48
12.288
Master, double speed
1
1
—
22.5792§
5.6448
88.2
22.5792
Master, double speed
1
1
—
24.576§
6.144
96
24.576
Slave, normal speed
0
0
—
11.2896§
2.8224
44.1
Digital GND
Slave, normal speed
0
0
—
12.288§
3.072
48
Digital GND
Slave, double speed
0
1
—
22.5792§
5.6448
88.2
Digital GND
Slave, double speed
0
1
—
24.576§
6.144
96
Digital GND
† Either a crystal oscillator or an external clock of the specified frequency can be connected to XTL_IN.
‡ MCLK_IN tied low when input to XTL_IN is provided; XTL_IN tied low when MCLK_IN is provided.
§ External MCLK connected to MCLK_IN input
¶ SCLK and LRCLK are outputs when M_S=1, inputs when M_S=0.
# MCLK_OUT is driven low when M_S=0.
2.5
Digital Interpolation Filter
The 24-bit high performance linear phase FIR interpolation filter up-samples the input digital data at a rate of 4 times
(double speed mode = 88.2 kHz or 96 kHz) or 8 times (normal mode = 44.1 kHz or 48 kHz) the incoming sample rate.
This filter provides very low pass-band ripple and optimized time domain transient response for accurate music
reproduction.
2.6
Digital PWM Modulator
The interpolation filter output is sent to the modulator. This modulator consists of a high performance 4th order digital
noise shaper and a PCM to PWM converter. Following the noise shaper, the PCM signal is fed into a very low distortion
PCM to PWM conversion block, buffered and output from the chip. The modulation scheme is based on a 2-state
control of the H-bridge output.
2.7
Control, Status, and Operational Modes
The TAS5000 control section consists of several control-input pins. Three serial mode pins (MOD0, MOD1, and
MOD2) are provided to select various serial data formats. During normal operating conditions if any of the MOD0,
MOD1, or MOD2 pins changes state, a reset sequence is initiated (see paragraph 2.7.2). Also provided are separate
power-down (PDN), reset (RESET), and mute (MUTE) pins. The ERR pin indicates that an error has occurred.
2.7.1
Power Up
At power up the ERR pin is asserted low and the PWM outputs go to the hard mute state in which the P outputs are
held low and the M outputs are held high. Following initialization, the TAS5000 will come up in the operational state.
There are two cases of power-up timing. The first case is shown in Figure 2–1 with RESET preceding PDN. The
second case is shown in Figure 2–2 with PDN preceding RESET.
Initialization Time = 4224 LRCLK Periods
RESET
ERR
PDN
Figure 2–1. Power-Up Timing (RESET preceding PDN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com