Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028231 Datasheet(PDF) 5 Page - SICK AG

Part # 1028231
Description  COLOR SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1028231 Datasheet(HTML) 5 Page - SICK AG

  1028231 Datasheet HTML 1Page - SICK AG 1028231 Datasheet HTML 2Page - SICK AG 1028231 Datasheet HTML 3Page - SICK AG 1028231 Datasheet HTML 4Page - SICK AG 1028231 Datasheet HTML 5Page - SICK AG 1028231 Datasheet HTML 6Page - SICK AG 1028231 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CS84-N3612 | CS8
COLOR SENSORS
Connection diagram
cd-311
+ (L+)
- (M)
Q1
Q3
2
7
BN
BU
3
GN
6
PK
Q2
4
YE
Q4
8
RD
AT
1
WH
Teach
5
GY
Concept of operation
CS8-4
1. Trigger teach-in
2. Select color tolerance
4. Confirm teach-in
3. Allocate channel to color
Position object in light field.
Press SET button > 1 s.
If requested adapt tolerance with
“+” button (more coarse) or
“–” button (more precise).
Press SET button > 1 s.
SET
–
+
SET
–
+
Press SET button > 1 s.
Color correspondence is
visualized via bar graph
display.
SET
–
+
Q
Timer
SET
–
+
Allocate channel for color with
“+” button (Q1 to Q4) or
“–” button (Q4 to Q1).
Press SET button > 1 s.
Timer
Q1
Q2
Q3
Q4
Timer
Q1
Q2
Q3
Q4
Timer
Q1
Q2
Q3
Q4
SET
–
+
SET
–
+
Timer
Q1
Q2
Q3
Q4
Timer
Q1
Q2
Q3
Q4
CS8
“Evaluation mode,” “Tolerance
change during operation,”
“Show quality,” “Time stage,”
and “Output logic” can be set
via a special menu (cf. appro-
priate operating instructions
for the device).
> 1 s = enter/exit
Color detected
= Q active.
Switching
threshold
1. Full correspondence
2. Correspondence
SET
–
+
3. No correspondence
Special settings
Timer
Q1
Q2
Q3
Q4
Color just detected
= Q active.
Switching
threshold
SET
–
+
Timer
Q1
Q2
Q3
Q4
Color not detected
= Q inactive.
Switching
threshold
SET
SET
–
+
–
+
< 1 s = navigate
> 1 s = select/confirm
Timer
Q1
Q2
Q3
Q4
and
–
+
or
Recommended accessories
Other models and accessories
www.sick.com/CS8
Brief description
Type
Part no.
Universal bar clamp systems
Plate G for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-G01
2022464
Plate K for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-K01
2022718
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com