Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1018514 Datasheet(PDF) 5 Page - SICK AG

Part # 1018514
Description  COLOR SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018514 Datasheet(HTML) 5 Page - SICK AG

  1018514 Datasheet HTML 1Page - SICK AG 1018514 Datasheet HTML 2Page - SICK AG 1018514 Datasheet HTML 3Page - SICK AG 1018514 Datasheet HTML 4Page - SICK AG 1018514 Datasheet HTML 5Page - SICK AG 1018514 Datasheet HTML 6Page - SICK AG 1018514 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CSM1-N1114 | CSM1
COLOR SENSORS
Connection diagram
cd-092
+ (L+)
Teach
- (M)
BN
WH
BU
1
2
3
Q
BK
4
Concept of operation
Setting the switching threshold
Position object in light field.
Press teach-in button > 1 s.
1. Trigger teach-in
2. Select color tolerance
Press teach-in button > 1 s
when transmitted light is green
= tolerance medium (standard
setting).
Press teach-in button > 1 s
when transmitted light is blue
= tolerance precise.
Press teach-in button > 1 s
when transmitted light is red
= tolerance coarse.
Recommended accessories
Other models and accessories
www.sick.com/CSM1
Brief description
Type
Part no.
Universal bar clamp systems
Universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard-
ware
BEF-KHS-KH1
2022726
Plate L for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-L01
2023057
Mounting bar, straight, 200 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-A
4056054
Mounting bar, straight, 300 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-B
4056055
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com