Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-WN11122P Datasheet(PDF) 6 Page - SICK AG

Part # CSM-WN11122P
Description  COLOR SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CSM-WN11122P Datasheet(HTML) 6 Page - SICK AG

  CSM-WN11122P Datasheet HTML 1Page - SICK AG CSM-WN11122P Datasheet HTML 2Page - SICK AG CSM-WN11122P Datasheet HTML 3Page - SICK AG CSM-WN11122P Datasheet HTML 4Page - SICK AG CSM-WN11122P Datasheet HTML 5Page - SICK AG CSM-WN11122P Datasheet HTML 6Page - SICK AG CSM-WN11122P Datasheet HTML 7Page - SICK AG CSM-WN11122P Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CSM-WN11122P | CSM
COLOR SENSORS
Recommended accessories
Other models and accessories
www.sick.com/CSM
Brief description
Type
Part no.
Universal bar clamp systems
Universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard-
ware
BEF-KHS-KH1
2022726
Plate L for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-L01
2023057
Plate N08 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N08
2051607
Plate N08N for universal clamp bracket, Stainless steel 1.4571 (sheet), Stainless steel
1.4408 (clamp), Universal clamp (5322626), mounting hardware
BEF-KHS-N08N
2051616
Mounting bar, straight, 200 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-A
4056054
Mounting bar, straight, 300 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-B
4056055
Mounting bar, L-shaped, 150 mm x 150 mm, steel, steel, zinc coated, without mounting
hardware
BEF-MS12L-A
4056052
Mounting bar, L-shaped, 250 x 250 mm, steel, steel, zinc coated, without mounting
hardware
BEF-MS12L-B
4056053
Device protection (mechanical)
Stainless steel 1.4301 (SVS 304), 3 mm thick protective sleeve for G6, stainless steel
1.4301, mounting hardware included
BEF-SG-G6-01
2069044
Mounting brackets and plates
Mounting bracket for wall mounting, stainless steel, mounting hardware included
BEF-W100-A
5311520
Mounting bracket for floor mounting, steel, zinc coated, mounting hardware included
BEF-W100-B
5311521
Mounting bracket for W100 with specific bore-hole arrangements, steel, zinc coated
BEF-WN-W100-S01
4073866
Adapter plate KT3 to KTM, steel, zinc coated, fastening screws included
BEF-AP-KTMS01
2068786
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF2A14-020VB3XLEAX
2096234
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF2A14-050VB3XLEAX
2096235
Head A: female connector, M12, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YG2A14-020VB3XLEAX
2095895
Head A: female connector, M12, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YG2A14-050VB3XLEAX
2095897
Head A: female connector, M12, 4-pin, straight
Head B: -
Cable: unshielded
DOS-1204-G
6007302
6
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-24 16:32:19
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com