Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUT3-610 Datasheet(PDF) 2 Page - SICK AG

Part # LUT3-610
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LUT3-610 Datasheet(HTML) 2 Page - SICK AG

  LUT3-610 Datasheet HTML 1Page - SICK AG LUT3-610 Datasheet HTML 2Page - SICK AG LUT3-610 Datasheet HTML 3Page - SICK AG LUT3-610 Datasheet HTML 4Page - SICK AG LUT3-610 Datasheet HTML 5Page - SICK AG LUT3-610 Datasheet HTML 6Page - SICK AG LUT3-610 Datasheet HTML 7Page - SICK AG LUT3-610 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LUT3-610 | LUT3
LUMINESCENCE SENSORS
Ordering information
Type
Part no.
LUT3-610
1015396
Other models and accessories
www.sick.com/LUT3
Detailed technical data
Features
Dimensions (W x H x D)
30.4 mm x 53 mm x 80 mm
Sensing distance
10 mm 1)
Housing design (light emission)
Rectangular
Working range
0 mm ... 15 mm
Light source
LED, Ultraviolet light 2)
Wave length
375 nm
Light emission
Long side
Light spot size
2 mm x 6 mm
Light spot direction
Vertical
Receiving filters
KV 418 (standard)
Receiving range
450 nm ... 750 nm
Adjustment
Potentiometer
Output function
Light switching
1) From front edge of lens.
2) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
12 V DC ... 30 V DC 1)
Ripple
< 2 Vpp 2)
Power consumption
< 60 mA 3)
Switching frequency
1.5 kHz 4)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Reference voltage DC 50 V.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com