Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC-200 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TC-200
Description  Temperature Compensated Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-200 Datasheet(HTML) 2 Page - Vectron International, Inc

  TC-200 Datasheet HTML 1Page - Vectron International, Inc TC-200 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Compensated Crystal Oscillators (TCXO’s)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
53
TC-200
Outline Drawing
Pad Layout
Pin
Function
1
Electrical Frequency Adjust;
0 to Vcc. or No Connect
2
Ground
3
Missing
4
Missing
5
Missing
6
Missing
7
Ground
8
Vcc - Supply Voltage
9
Vcc - Supply Voltage
10
Lock Detect
11
Ground
12
Output Signal - Q
13
Ground
14
Comp Output Signal - Q
15
Ground
16
Enable / Disable
Floating = Enabled
Logic “0” = Disabled
Ordering Information
TC
Temperature & Stability
C-416 = ±4.1 ppm over
0oC to +70oC
F-416 = ±4.1 ppm over -40oC to +85oC
Output Frequency
See Standard Freq
Chart Above
200
F
D
F
416
A
622.08
Product Family
TC = TCXO
Package
200 = SMT package
Supply Voltage
C = 5.0 Vdc
±5%
D = 3.3 Vdc
±5%
Output
F = Complementary PECL
MHz
Frequency Adjust Options
A = Electrical Frequency Adjust (Standard)
B = Fixed Frequency No Electrical Adjust,
See “Initial Accuracy”previous page.
BOARD
TOP VIEW
TYP.
TYP. 12 PLACES
C
C
L
L
12
7 8
1615141312 1110 9
29.21!
(1.15)
14.605!
(0.575)
8.89!
(0.35)
17.78!
(0.70)
2.54!
(0.10)
1.905!
(0.075)
3.048!
(0.12)
mm!
(in)
311.04 MHz
SONET
622.08 MHz
OC-12, STM4
625.00 MHz
10 G / 16
644.5313 MHz
10.3125 G / 16
666.5143 MHz
OC-12
FEC 15/14
669.3266 MHz
OC-12
FEC 255/237
777.60 MHz
SONET
Pin Out Information
Standard Frequencies
TCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 53



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com