Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8770 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8770
Description  17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8770 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8770 Datasheet HTML 1Page - Monolithic Power Systems MP8770 Datasheet HTML 2Page - Monolithic Power Systems MP8770 Datasheet HTML 3Page - Monolithic Power Systems MP8770 Datasheet HTML 4Page - Monolithic Power Systems MP8770 Datasheet HTML 5Page - Monolithic Power Systems MP8770 Datasheet HTML 6Page - Monolithic Power Systems MP8770 Datasheet HTML 7Page - Monolithic Power Systems MP8770 Datasheet HTML 8Page - Monolithic Power Systems MP8770 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP8770
– 17V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8770 Rev. 1.0
www.MonolithicPower.com
3
1/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .................................................-0.3V to +20V
VSW........................................ -0.3V (-5V < 10ns)
to VIN + 0.7V (23V < 10ns)
VBST ...................................................... VSW + 4V
VEN ................................................................. VIN
All other pins ...................................-0.3V to +4V
Continuous power dissipation (TA = +25°C)
(2)
................................................................... 3.2W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature .................. -65°C to 125°C
Recommended Operating Conditions
(3)
Supply voltage (VIN) .........................4.5V to 17V
Output voltage (VOUT) ..............0.6V to VIN * DMAX
or 12V max
Operating junction temp. (TJ) ... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-16 (3mmx3mm)
EV8770-Q-00A ...................... 38....... 10 ... °C/W
JESD51-7
(4).......................... 50....... 12... °C/W
NOTES:
Exceeding these ratings may damage the device.
The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation on
EV8770-Q-00A board at any ambient temperature is calculated
by PD (MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum
allowable power dissipation produces an excessive die
temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
The device is not guaranteed to function outside of its operating
conditions.
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com