Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF10L04GS Datasheet(PDF) 4 Page - Thinki Semiconductor Co., Ltd.

Part # SFF10L04GS
Description  10.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF10L04GS Datasheet(HTML) 4 Page - Thinki Semiconductor Co., Ltd.

  SFF10L04GS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF10L04GS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. SFF10L04GS Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. SFF10L04GS Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. SFF10L04GS Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. SFF10L04GS Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 4/6
Rev.08T
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig1. Forward Current Derating Curve
Fig2. Typical Junction Capacitance
Fig3. Typical Reverse Characteristics
Fig4. Typical Forward Characteristics
0
2
4
6
8
10
12
14
30
60
90
120
150
CASE TEMPERATURE (°C)
Resistive or
inductive load
with heat sink
SFF10L05GS
1
10
100
1000
1
10
100
REVERSE VOLTAGE (V)
f=1.0MHz
Vsig=50mVp-p
SFF10L05GS
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T
J=25°C
T
J=125°C
SFF10L05GS
0.001
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
Pulse width 300μs
1% duty cycle
T
J=125°C
T
J=25°C
SFF10L05GS
0.001
0.01
0.1
1
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Pulse width
T
J=25°C
T
J=125°C
UF1DLW
SFF10L04GS thru SFF10L08GS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com