Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF1604GD Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SFF1604GD
Description  16.0 Amperes Insulated Doubler Polarity Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF1604GD Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SFF1604GD Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF1604GD Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low forward voltage drop
Super fast switching for high efficiency
High current capability
Case: ITO-220AB full plastic isolated package
High surge current capability
Weight: 1.75 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
SFF1601GD thru SFF1608GD
Pb Free Plating Product
SFF1601GD thru SFF1608GD
16.0 Amperes Insulated Doubler Polarity Super Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Application
Pb
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.08T
ITO-220AB/TO-220F-3L
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "GA"
Suffix "GD"
Suffix "GS"
Suffix "G"
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Unit : inch (mm)
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
ns
Cj
pF
RθJC
TJ
TSTG
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Typical junction capacitance (Note 3)
80
50
Typical thermal resistance
3.0
Operating junction temperature range
- 55 to +150
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=125 ℃
IR
10
μA
400
Maximum reverse recovery time (Note 2)
35
A
Maximum instantaneous forward voltage (Note 1)
IF = 8 A
VF
0.975
1.3
1.7
V
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
16
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
125
SFF
1607GD
SFF
1608GD
UNIT
Maximum repetitive peak reverse voltage
PARAMETER
SYMBOL
SFF
1601GD
SFF
1602GD
SFF
1603GD
SFF
1604GD
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
SFF
1605GD
SFF
1606GD
°C/W
°C
°C


Similar Part No. - SFF1604GD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF1604GD THINKISEMI-SFF1604GD Datasheet
270Kb / 2P
16 Ampere Insulated Tandem Polarity Super Fast Recovery Half Bridge Rectifier
More results

Similar Description - SFF1604GD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURF1620CTD-CT THINKISEMI-MURF1620CTD-CT Datasheet
261Kb / 2P
16.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
SFF2001GD THINKISEMI-SFF2001GD Datasheet
860Kb / 2P
20.0 Amperes Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
MURF1620DR THINKISEMI-MURF1620DR_12 Datasheet
465Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UF1620DR THINKISEMI-UF1620DR Datasheet
483Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MURF1680CTD THINKISEMI-MURF1680CTD Datasheet
356Kb / 2P
16.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
SFF161CD THINKISEMI-SFF161CD Datasheet
354Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
SFF161CTD THINKISEMI-SFF161CTD Datasheet
354Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
SFF161D THINKISEMI-SFF161D Datasheet
354Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
MURF1620CD THINKISEMI-MURF1620CD Datasheet
264Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR1620FCR THINKISEMI-MUR1620FCR Datasheet
293Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com