Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1308AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1308AT
Description  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1308AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1308AT Datasheet HTML 1Page - NXP Semiconductors TDA1308AT Datasheet HTML 2Page - NXP Semiconductors TDA1308AT Datasheet HTML 3Page - NXP Semiconductors TDA1308AT Datasheet HTML 4Page - NXP Semiconductors TDA1308AT Datasheet HTML 5Page - NXP Semiconductors TDA1308AT Datasheet HTML 6Page - NXP Semiconductors TDA1308AT Datasheet HTML 7Page - NXP Semiconductors TDA1308AT Datasheet HTML 8Page - NXP Semiconductors TDA1308AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 Jul 19
3
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1308
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TDA1308T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TDA1308AT
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TDA1308TT
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
handbook, halfpage
2
1
3
4
8
7
6
5
INA(neg)
TDA1308(A)
OUTA
MKA779
VSS
VDD
INA(pos)
INB(neg)
INB(pos)
OUTB
Fig.1 Block diagram.
PINNING
SYMBOL
PIN
DESCRIPTION
OUTA
1
output A
CD)
2
inverting input A
INA(pos)
3
non-inverting input A
VSS
4
negative supply
INB(pos)
5
non-inverting input B
INB(neg)
6
inverting input B
OUTB
7
output B
VDD
8
positive supply
handbook, halfpage
1
2
3
4
8
7
6
5
MKA780
TDA1308(A)
VDD
OUTB
INA(neg)
INB(neg)
INB(pos)
VSS
INA(pos)
OUTA
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com