Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4863G Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TDA4863G
Description  Boost Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863G Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TDA4863G Datasheet HTML 18Page - Infineon Technologies AG TDA4863G Datasheet HTML 19Page - Infineon Technologies AG TDA4863G Datasheet HTML 20Page - Infineon Technologies AG TDA4863G Datasheet HTML 21Page - Infineon Technologies AG TDA4863G Datasheet HTML 22Page - Infineon Technologies AG TDA4863G Datasheet HTML 23Page - Infineon Technologies AG TDA4863G Datasheet HTML 24Page - Infineon Technologies AG TDA4863G Datasheet HTML 25Page - Infineon Technologies AG TDA4863G Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TDA4863
Application Circuit
Data Sheet
22
V1.0, 2003-05
4.1
Results of THD Measurements with Application Board P
out =110 W
(Measurements according to IEC61000-3-2.
150% limit (red line): Momentary measured value must be below this limit.
100% limit (blue line): Average of measured values must be below this limit.
The worst measured momentary value is shown in the diagrams.)
Figure 6
THD Class C:
P
max =110 W, Vinac =90V, Iout = 250 mA, Vout = 420 V, PF = 0.998
Figure 7
THD Class C:
P
max =110 W, Vinac =220 V, Iout =250 mA, Vaout = 420 V, PF = 0.992
0,00
0,05
0,10
0,15
0,20
0,25
0,30
Harmonic #
4
8
12
16
20
24
28
32
36
40
0,000
0,025
0,050
0,075
0,100
0,125
0,150
0,175
0,200
0,225
Harmonic #
4
8
12
16
20
24
28
32
36
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com