Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7888AVRHN Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TH7888AVRHN
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888AVRHN Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TH7888AVRHN Datasheet HTML 9Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 10Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 11Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 12Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 13Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 14Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 15Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 16Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
TH7888A
1999A–IMAGE–09/03
Figure 13. Drive Clocks Capacitance Network
Table 6. Static and Dynamic Electrical Characteristics
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Output amplifier supply current
IDD
10
15
mA
per amplifier
Output impedance
ZS
200
225
250
Ω
DC output level
V
REF
11
V
Output conversion factor
CVF
5.5
6
6.5
µV/e-
ΦP4
ΦP1
ΦP3
ΦP2
3.3 nF
2.8 nF
2.3 nF
3.3 nF
2.3 nF
ΦA
Substrate
ΦP1
ΦP3
ΦP2
ΦP4
0.7 nF
0.5 nF
0.7 nF
0.5 nF
VA
ΦP1
ΦP2
ΦP4
ΦP3
ΦM4
ΦM3
ΦM2
ΦM1
4.4 nF
4.4 nF
4.4 nF
4.4 nF
4.4 nF
4.4 nF
4.4 nF
3.4 nF
2.2 nF
3.2 nF
2.2 nF
3.4 nF
4.4 nF
3.9 nF
3.2 nF
3.9 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com