Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C16378 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16378
Description  Asymmetric spotlight beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16378 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16378 Datasheet HTML 1Page - Ledil, Inc. C16378 Datasheet HTML 2Page - Ledil, Inc. C16378 Datasheet HTML 3Page - Ledil, Inc. C16378 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C16378_STRADA-2X2-FR
STRADA-2X2-FR
Asymmetric spotlight beam for floodlighting
railway tracks according to Russian normative
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
11.8 mm
Fastening
glue, pin, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
11.7 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2-FR
Lens array
PMMA
clear
Last update: 04/07/2018
Subject to change without prior notice
Published: 03/07/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - C16378

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16371 LEDIL-C16371 Datasheet
1Mb / 4P
~90째 beam
C16373 LEDIL-C16373 Datasheet
1Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles. Suitable for Indian EESL specification
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
More results

Similar Description - C16378

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13155 LEDIL-C13155_18 Datasheet
3Mb / 10P
Asymmetric beam
C14346 LEDIL-C14346 Datasheet
17Mb / 19P
Asymmetric wall-washer beam
F16859 LEDIL-F16859 Datasheet
4Mb / 6P
Asymmetric beam for wall washing
CA14523 LEDIL-CA14523 Datasheet
2Mb / 9P
Asymmetric beam.
C14522 LEDIL-C14522 Datasheet
1Mb / 6P
Asymmetric beam
FCA13329 LEDIL-FCA13329 Datasheet
4Mb / 8P
Asymmetric beam for billboards.
FN13888 LEDIL-FN13888 Datasheet
2Mb / 8P
Asymmetric beam for billboards.
C12512 LEDIL-C12512 Datasheet
2Mb / 5P
Asymmetric beam
CA12514 LEDIL-CA12514 Datasheet
3Mb / 8P
Asymmetric beam
C17411 LEDIL-C17411 Datasheet
2Mb / 6P
Slightly asymmetric ~20째 spot beam with Slightly asymmetric ~20째 spot beam with
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com