Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA10967 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10967
Description  Beam for area and street lighting such as parks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10967 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10967 Datasheet HTML 1Page - Ledil, Inc. CA10967 Datasheet HTML 2Page - Ledil, Inc. CA10967 Datasheet HTML 3Page - Ledil, Inc. CA10967 Datasheet HTML 4Page - Ledil, Inc. CA10967 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA10967_STRADA-C
STRADA-C
Beam for area and street lighting such as parks
and pedestrian walkways optimized for CREE
XR-E. Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
7.9 mm
Fastening
tape, screw
Colour
clear
Box size
451 x 254 x 197 mm
Box weight
5 kg
Quantity in Box
3840 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-C
Lens
PMMA
clear
VOSU-WU-M-365-TAPE
Tape
Last update: 15/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10967

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10914 CREE-CA10914 Datasheet
369Kb / 5P
Strada series
logo
Ledil, Inc.
CA10914 LEDIL-CA10914 Datasheet
1,002Kb / 4P
Oval beam for area lighting optimized for Golden Dragon.
CA10916 LEDIL-CA10916 Datasheet
156Kb / 3P
Strada Assembly
logo
Cree, Inc
CA10925 CREE-CA10925 Datasheet
398Kb / 7P
Strada series
CA10927 CREE-CA10927 Datasheet
440Kb / 7P
Strada series
More results

Similar Description - CA10967

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10915 LEDIL-C10915_18 Datasheet
2Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways optimized for Golden Dragon
C10966 LEDIL-C10966 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks and pedestrian walkways optimized for CREE XR-E
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C16029 LEDIL-C16029 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks and pedestrian walkways
C14991 LEDIL-C14991 Datasheet
5Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C11252 LEDIL-C11252 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
C11277 LEDIL-C11277 Datasheet
943Kb / 5P
Beam for area and street lighting such as parks and pedestrian walkways
C13023 LEDIL-C13023 Datasheet
1Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C13956 LEDIL-C13956 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
CA11253 LEDIL-CA11253 Datasheet
1Mb / 9P
Beam for area and street lighting such as parks and pedestrian walkways
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com