Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11179 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11179
Description  Soft wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11179 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11179 Datasheet HTML 1Page - Ledil, Inc. CA11179 Datasheet HTML 2Page - Ledil, Inc. CA11179 Datasheet HTML 3Page - Ledil, Inc. CA11179 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11179_STRADA-DW
STRADA-DW
Soft
wide
beam
with
good
illuminance
uniformity optimized for CREE XR-E. Assembly
with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
12 mm
Fastening
tape, screw
Colour
clear
Box size
451 x 254 x 197 mm
Box weight
4.5 kg
Quantity in Box
2880 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-DW
Lens
PMMA
clear
VOSU-WU-M-365-TAPE
Tape
Last update: 15/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11179

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11171 CREE-CA11171 Datasheet
345Kb / 6P
Tina series
logo
Ledil, Inc.
CA11171 LEDIL-CA11171 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NS6x83.
CA11171 LEDIL-CA11171_18 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NS6x83.
logo
Cree, Inc
CA11172 CREE-CA11172 Datasheet
439Kb / 8P
Tina series
logo
Ledil, Inc.
CA11172 LEDIL-CA11172 Datasheet
3Mb / 6P
~16째 diffused spot beam optimized for Nichia NS6x83
More results

Similar Description - CA11179

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13500 LEDIL-C13500 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
CA11819 LEDIL-CA11819 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
CP15313 LEDIL-CP15313 Datasheet
3Mb / 6P
~55째 wide beam.
CN17388 LEDIL-CN17388 Datasheet
4Mb / 4P
~50째 wide beam
C11818 LEDIL-C11818 Datasheet
1Mb / 4P
Soft wide beam with good illuminance uniformity
C11891 LEDIL-C11891 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
CA11892 LEDIL-CA11892 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity.
2F11898 LEDIL-2F11898 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity
2FA11993 LEDIL-2FA11993 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity
C11918 LEDIL-C11918 Datasheet
2Mb / 7P
Soft wide beam with good illuminance uniformity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com