Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-BW Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # ST-BW
Description  In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ST-BW Datasheet(HTML) 1 Page - PHOENIX CONTACT

  ST-BW Datasheet HTML 1Page - PHOENIX CONTACT ST-BW Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1207608
08.08.2012   Page 1 / 2
Screwdriver - ST-BW - 1207608
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Actuation tool, for all 2.5 mm² - 4.0 mm² spring-cages
Why buy this product
 In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 282 (CL2-2011)
GTIN
Custom tariff number
82054000
Country of origin
GERMANY
Technical data
General
Length (b)
160 mm
Classifications
eclass
eCl@ss 4.0
21040401
eCl@ss 4.1
21040401
eCl@ss 5.0
21040401
eCl@ss 5.1
21040401
eCl@ss 6.0
21040401
eCl@ss 7.0
21040409
etim
ETIM 2.0
EC000158
ETIM 3.0
EC000158
ETIM 4.0
EC000158


Similar Part No. - ST-BW

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ST-BW-0 PHOENIX-ST-BW-0 Datasheet
46Kb / 1P
In addition to its standard application, this screwdriver is also ideal for actuating terminal blocks from the PT 1,5/S and FT 1,5/S... series
More results

Similar Description - ST-BW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37026 ETC-37026 Datasheet
280Kb / 1P
Ideal for use with indexable carbide tooling and also for working in confined spaces
logo
STMicroelectronics
AN3318 STMICROELECTRONICS-AN3318 Datasheet
177Kb / 10P
This Application note presents the HSP061-4NY8 and its capability
15-Jan-2011
AN3357 STMICROELECTRONICS-AN3357 Datasheet
273Kb / 10P
This Application note presents the HSP061-8M16 and its capability
19-Apr-2011
logo
PHOENIX CONTACT
ST-BW-0 PHOENIX-ST-BW-0 Datasheet
46Kb / 1P
In addition to its standard application, this screwdriver is also ideal for actuating terminal blocks from the PT 1,5/S and FT 1,5/S... series
SZF-0-0 PHOENIX-SZF-0-0 Datasheet
64Kb / 3P
In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
SZF-1-0 PHOENIX-SZF-1-0 Datasheet
64Kb / 3P
In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
SZF-3-1 PHOENIX-SZF-3-1 Datasheet
55Kb / 4P
In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
0804500 PHOENIX-0804500 Datasheet
54Kb / 2P
In addition, a comprehensive range of pre-assembled engraving materials is also available
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
Fuse modular terminal block - QTC 2,5-HESI (5X20)
3206448 PHOENIX-3206448 Datasheet
266Kb / 23P
Ground modular terminal block - QTC 2,5-QUATTRO-PE
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com