Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11183 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11183
Description  ~40째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11183 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11183 Datasheet HTML 1Page - Ledil, Inc. CA11183 Datasheet HTML 2Page - Ledil, Inc. CA11183 Datasheet HTML 3Page - Ledil, Inc. CA11183 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11183_BROOKE-W
BROOKE-W
~40° wide beam. Assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 45 mm
Height
21.1 mm
Fastening
tape
Colour
metal
Box size
480 x 280 x 300 mm
Box weight
3.2 kg
Quantity in Box
384 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
BROOKE-W
Reflector
PC
metal
BROOKE-TAPE
Tape
PU tape
Last update: 01/11/2017
Subject to change without prior notice
Published: 02/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CA11183

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11183-BROOKE-W LEDIL-CA11183-BROOKE-W Datasheet
217Kb / 4P
Brooke series
More results

Similar Description - CA11183

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP15348 LEDIL-FCP15348 Datasheet
6Mb / 5P
~40째 wide beam
FP14997 LEDIL-FP14997 Datasheet
5Mb / 8P
~40째 wide beam
C10973 LEDIL-C10973 Datasheet
1Mb / 5P
~40째 wide beam
CA14309 LEDIL-CA14309 Datasheet
3Mb / 5P
~40째 wide beam.
CP12636 LEDIL-CP12636 Datasheet
3Mb / 5P
~40째 wide beam
C10923 LEDIL-C10923 Datasheet
1Mb / 6P
~40째 wide beam
C12478 LEDIL-C12478 Datasheet
13Mb / 25P
~40째 wide beam
C12482 LEDIL-C12482 Datasheet
15Mb / 17P
~40째 wide beam
C12501 LEDIL-C12501 Datasheet
7Mb / 7P
~40째 wide beam
C12358 LEDIL-C12358 Datasheet
1Mb / 5P
~40째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com