Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11974 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11974
Description  ~8째 spot beam optimized for Nichia 19.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11974 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11974 Datasheet HTML 1Page - Ledil, Inc. CA11974 Datasheet HTML 2Page - Ledil, Inc. CA11974 Datasheet HTML 3Page - Ledil, Inc. CA11974 Datasheet HTML 4Page - Ledil, Inc. CA11974 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA11974_LAURA-RS
LAURA-RS
~8°
spot
beam
optimized
for
Nichia
19.
Assembly with black holder and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 mm
Height
12.9 mm
Fastening
tape
Colour
black
Box size
Box weight
7.1 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-RS
Lens
PMMA
clear
LAURA-HLD-N19-BLK
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 12/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CA11974

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11973 LEDIL-CA11973 Datasheet
4Mb / 4P
~40째 x 12째 oval beam optimized for Nichia 19.
CA11975 LEDIL-CA11975 Datasheet
1Mb / 5P
~15째 diffused spot beam optimized for Nichia 19.
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
~30째 medium beam optimized for Nichia 19.
CA11977 LEDIL-CA11977 Datasheet
1Mb / 4P
~11째 smooth spot beam optimized for Nichia 19.
CA11978 LEDIL-CA11978 Datasheet
2Mb / 4P
~65째 wide beam optimized for Nichia 19.
More results

Similar Description - CA11974

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11020 LEDIL-CA11020 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NCSxx19
CA11171 LEDIL-CA11171_18 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NS6x83.
CA11975 LEDIL-CA11975 Datasheet
1Mb / 5P
~15째 diffused spot beam optimized for Nichia 19.
CA11977 LEDIL-CA11977 Datasheet
1Mb / 4P
~11째 smooth spot beam optimized for Nichia 19.
CA11978 LEDIL-CA11978 Datasheet
2Mb / 4P
~65째 wide beam optimized for Nichia 19.
CP12631 LEDIL-CP12631 Datasheet
1Mb / 5P
~8째 spot beam
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
CA12537 LEDIL-CA12537 Datasheet
4Mb / 11P
~8째 spot beam
CA11353 LEDIL-CA11353 Datasheet
1Mb / 5P
~8째 spot beam optimized for CREE XP-E.
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
~8째 spot beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com