Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11977 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11977
Description  ~11째 smooth spot beam optimized for Nichia 19.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11977 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11977 Datasheet HTML 1Page - Ledil, Inc. CA11977 Datasheet HTML 2Page - Ledil, Inc. CA11977 Datasheet HTML 3Page - Ledil, Inc. CA11977 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11977_LAURA-SS
LAURA-SS
~11° smooth spot beam optimized for Nichia 19.
Assembly with black holder and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
black
Box size
Box weight
0 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-SS
Lens
PMMA
LAURA-HLD-N19-BLK
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 14/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11977

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11973 LEDIL-CA11973 Datasheet
4Mb / 4P
~40째 x 12째 oval beam optimized for Nichia 19.
CA11974 LEDIL-CA11974 Datasheet
2Mb / 5P
~8째 spot beam optimized for Nichia 19.
CA11975 LEDIL-CA11975 Datasheet
1Mb / 5P
~15째 diffused spot beam optimized for Nichia 19.
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
~30째 medium beam optimized for Nichia 19.
CA11978 LEDIL-CA11978 Datasheet
2Mb / 4P
~65째 wide beam optimized for Nichia 19.
More results

Similar Description - CA11977

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10595 LEDIL-CA10595 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10934 LEDIL-FCA10934 Datasheet
1Mb / 3P
~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA11974 LEDIL-CA11974 Datasheet
2Mb / 5P
~8째 spot beam optimized for Nichia 19.
CA11975 LEDIL-CA11975 Datasheet
1Mb / 5P
~15째 diffused spot beam optimized for Nichia 19.
CX11645 LEDIL-CX11645 Datasheet
4Mb / 4P
~11째 smooth spot beam optimized for LUXEON Rebel
CA11387 LEDIL-CA11387 Datasheet
1Mb / 7P
~11째 smooth spot beam
CA11643 LEDIL-CA11643 Datasheet
1Mb / 6P
~11째 smooth spot beam optimized for CREE XP-E.
CA12011 LEDIL-CA12011 Datasheet
2Mb / 9P
~11째 smooth spot beam optimized for CREE XP-E.
CA13630 LEDIL-CA13630 Datasheet
8Mb / 11P
~11째 smooth spot beam
CP12634 LEDIL-CP12634 Datasheet
2Mb / 6P
~11째 smooth spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com