Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLGE174P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLGE174P
Description  TOSHIBA LED Lamp InGaAP Green Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLGE174P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLGE174P Datasheet HTML 1Page - Toshiba Semiconductor TLGE174P Datasheet HTML 2Page - Toshiba Semiconductor TLGE174P Datasheet HTML 3Page - Toshiba Semiconductor TLGE174P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLGE174P
2002-09-25
1
TOSHIBA LED Lamp InGaAℓP Green Light Emission
TLGE174P
Panel Circuit Indicator
· 5mm diameter (T1−3 / 4)
· InGaAℓP green LED
· All plastic mold type.
· Colored transparent lens
· Low drive current, high intensity green light emission
Recommended forward current: IF=15~20mA(DC)
· All plastic molded lens, provides an excellent on−off contrast ratio.
· Fast response time, capable of pulse operation.
· High power luminous intensity
· Without stand-offs
· Applications: Suitable for outdoor message signboard,
safety equipment, etc.
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current (DC)
IF
50
mA
Reverse voltage
VR
4
V
Power dissipation
PD
140
mW
Operating temperature range
Topr
-30~85
°C
Storage temperature range
Tstg
-40~120
°C
Unit: mm
JEDEC
―
EIAJ
―
TOSHIBA
Weight: 0.31g (typ.)


Similar Part No. - TLGE174P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGE1002A TOSHIBA-TLGE1002A Datasheet
644Kb / 17P
TOSHIBA LED LAMP
logo
Marktech Corporate
TLGE1002A MARKTECH-TLGE1002A Datasheet
493Kb / 8P
Toshiba TLxE1002A SMT LEDs
logo
Toshiba Semiconductor
TLGE1002A TOSHIBA-TLGE1002A Datasheet
314Kb / 18P
Panel Circuit Indicator
TLGE1002A TOSHIBA-TLGE1002A Datasheet
258Kb / 18P
Panel Circuit Indicators
TLGE1002AT02 TOSHIBA-TLGE1002AT02 Datasheet
258Kb / 18P
Panel Circuit Indicators
More results

Similar Description - TLGE174P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOH180P TOSHIBA-TLOH180P Datasheet
128Kb / 4P
TOSHIBA LED Lamp InGaALP Orange Light Emission
TLGD240P TOSHIBA-TLGD240P Datasheet
190Kb / 4P
TOSHIBA LED LAMP GAP GREEN LIGHT EMISSION
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
TLSH160 TOSHIBA-TLSH160 Datasheet
152Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
TLGD231 TOSHIBA-TLGD231 Datasheet
177Kb / 4P
TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
TLGD233P TOSHIBA-TLGD233P Datasheet
179Kb / 4P
TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
TLSH157P TOSHIBA-TLSH157P Datasheet
125Kb / 4P
TOSHIBA LED Lamp InGaAP Red Light Emission
TLYH262 TOSHIBA-TLYH262 Datasheet
122Kb / 4P
TOSHIBA LED Lamp InGaAP Yellow Light Emission
TLGE260 TOSHIBA-TLGE260 Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Green Light Emission
logo
Marktech Corporate
TLRMH265P MARKTECH-TLRMH265P Datasheet
143Kb / 3P
TOSHIBA LED LAMP InGaA RED LIGHT EMISSION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com