Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA12816 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12816
Description  ~8.5째 spot beam optimized for CREE XP-E
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12816 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12816 Datasheet HTML 1Page - Ledil, Inc. CA12816 Datasheet HTML 2Page - Ledil, Inc. CA12816 Datasheet HTML 3Page - Ledil, Inc. CA12816 Datasheet HTML 4Page - Ledil, Inc. CA12816 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA12816_LXP2-RS2
LXP2-RS2
~8.5° spot beam optimized for CREE XP-E. 14.7
mm high assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.7 mm
Fastening
tape
Colour
black
Box size
480 x 280 x 300 mm
Box weight
8.9 kg
Quantity in Box
1680 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LXP2-RS2
Lens
PMMA
LXP2-LH1-TAPE-BLK
Holder
PC
black
HEIDI-TAPE
Tape
Acrylic tape
black
Last update: 12/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CA12816

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12816-LXP2-RS2 CREE-CA12816-LXP2-RS2 Datasheet
965Kb / 12P
Leila series
More results

Similar Description - CA12816

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11016 LEDIL-CA11016_18 Datasheet
3Mb / 6P
~14째 spot beam optimized for CREE XP-E.
CA11353 LEDIL-CA11353 Datasheet
1Mb / 5P
~8째 spot beam optimized for CREE XP-E.
CA11481 LEDIL-CA11481 Datasheet
2Mb / 7P
~9.6째 spot beam optimized for CREE XP-E.
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
~8째 spot beam optimized for CREE XP-E
CA14503 LEDIL-CA14503 Datasheet
9Mb / 12P
~9.6째 spot beam optimized for CREE XP-E.
CP11627 LEDIL-CP11627 Datasheet
2Mb / 6P
~15째 spot beam optimized for CREE XP-E
CP11631 LEDIL-CP11631 Datasheet
1Mb / 5P
~9.6째 spot beam optimized for CREE XP-E
FA11739 LEDIL-FA11739 Datasheet
2Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
FP11085 LEDIL-FP11085 Datasheet
1Mb / 6P
~19째 spot beam optimized for CREE XP-E.
FA10668 LEDIL-FA10668 Datasheet
1Mb / 5P
~11째 spot beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com