Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA13272 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13272
Description  Oval beam for wall washing optimized for LUXEON Rebel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13272 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13272 Datasheet HTML 1Page - Ledil, Inc. CA13272 Datasheet HTML 2Page - Ledil, Inc. CA13272 Datasheet HTML 3Page - Ledil, Inc. CA13272 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA13272_LAURA-O-WAS
LAURA-O-WAS
Oval beam for wall washing optimized for
LUXEON Rebel. Assembly with white holder and
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-O-WAS
Lens
PMMA
clear
ROSE-HLD-RE-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 25/02/2013
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA13272

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13270 LEDIL-CA13270 Datasheet
2Mb / 4P
Asymmetric beam for wall-washing optimized for LUXEON Rebel
logo
Cree, Inc
CA13271 CREE-CA13271 Datasheet
389Kb / 7P
Laura series
More results

Similar Description - CA13272

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP15341 LEDIL-CP15341 Datasheet
4Mb / 4P
Oval beam for wall-washing
CP11630 LEDIL-CP11630 Datasheet
2Mb / 4P
~15째 spot beam optimized for LUXEON Rebel
CA13270 LEDIL-CA13270 Datasheet
2Mb / 4P
Asymmetric beam for wall-washing optimized for LUXEON Rebel
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
CX11364 LEDIL-CX11364 Datasheet
5Mb / 4P
~40째 x 12째 oval beam optimized for LUXEON Rebel
CX12568 LEDIL-CX12568 Datasheet
1Mb / 4P
~40째 wide beam optimized for LUXEON Rebel.
CA12815 LEDIL-CA12815 Datasheet
6Mb / 8P
~13째 x 45째 oval beam optimized for Luxeon Rebel
CA13307 LEDIL-CA13307 Datasheet
3Mb / 8P
Oval beam for wall-washing optimized for CREE XP-E.
CA13638 LEDIL-CA13638 Datasheet
3Mb / 6P
Asymmetric oval beam for wall-washing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com