Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA13636 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13636
Description  Mini reflector with ~72째 wide beam.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13636 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13636 Datasheet HTML 1Page - Ledil, Inc. CA13636 Datasheet HTML 2Page - Ledil, Inc. CA13636 Datasheet HTML 3Page - Ledil, Inc. CA13636 Datasheet HTML 4Page - Ledil, Inc. CA13636 Datasheet HTML 5Page - Ledil, Inc. CA13636 Datasheet HTML 6Page - Ledil, Inc. CA13636 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA13636_G2-LAURA-R-XW-P
G2-LAURA-R-XW-P
Mini reflector with ~72° wide beam. Assembly
with thinner white holder, installation tape and
location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 mm
Height
13.1 mm
Fastening
tape, pin
Colour
white
Box size
451 x 254 x 152 mm
Box weight
3.4 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-R-XW
Reflector
HRPC
white
LAURA-LT-PIN-XP-HLD-WHT Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 11/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CA13636

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13630 CREE-CA13630 Datasheet
2Mb / 37P
Laura series
logo
Ledil, Inc.
CA13630 LEDIL-CA13630 Datasheet
8Mb / 11P
~11째 smooth spot beam
logo
Cree, Inc
CA13631 CREE-CA13631 Datasheet
2Mb / 37P
Laura series
logo
Ledil, Inc.
CA13631 LEDIL-CA13631 Datasheet
13Mb / 12P
~40째 x 13째 oval beam
logo
Cree, Inc
CA13633 CREE-CA13633 Datasheet
1Mb / 29P
Laura series
More results

Similar Description - CA13636

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
Mini reflector with ~60째 wide beam
CN15816 LEDIL-CN15816 Datasheet
2Mb / 5P
~35째 wide beam with holder
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
Beam with wide light distribution
CA11427 LEDIL-CA11427 Datasheet
2Mb / 4P
Mini reflector with ~70째 wide beam optimized for Nichia 19
CA12982 LEDIL-CA12982 Datasheet
2Mb / 4P
Mini reflector with ~70째 wide beam optimized for CREE XP-E
CX11524 LEDIL-CX11524 Datasheet
1Mb / 4P
Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
CX12983 LEDIL-CX12983 Datasheet
1Mb / 4P
Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
CN16210 LEDIL-CN16210 Datasheet
8Mb / 8P
~35째 wide beam with holder
C13353 LEDIL-C13353 Datasheet
3Mb / 9P
횠21.1 mm mini reflector with ~40째 wide beam
C12469 LEDIL-C12469 Datasheet
3Mb / 11P
White mini reflector with ~80째 wide beam.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com