Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA14308 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14308
Description  ~16째 diffused spot beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14308 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14308 Datasheet HTML 1Page - Ledil, Inc. CA14308 Datasheet HTML 2Page - Ledil, Inc. CA14308 Datasheet HTML 3Page - Ledil, Inc. CA14308 Datasheet HTML 4Page - Ledil, Inc. CA14308 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA14308_EVA-D
EVA-D
~16° diffused spot beam. Assembly with holder
including location pins and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37.7 mm
Height
17.2 mm
Fastening
tape, pin
Colour
black
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
675 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
EVA-D
Lens
PMMA
clear
EVA-HLD-PIN
Holder
PC
black
SPUTNIK-TAPE3
Tape
PU tape
black
Last update: 01/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14308

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14309 LEDIL-CA14309 Datasheet
3Mb / 5P
~40째 wide beam.
More results

Similar Description - CA14308

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10646 LEDIL-FA10646_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83.
CA11172 LEDIL-CA11172_18 Datasheet
3Mb / 6P
~16째 diffused spot beam optimized for Nichia NS6x83
CA11942 LEDIL-CA11942 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NCSxx19
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Avago Jade.
FCP15343 LEDIL-FCP15343 Datasheet
6Mb / 6P
~16째 smooth spot beam
CP12671 LEDIL-CP12671 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CP12818 LEDIL-CP12818 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CP17593 LEDIL-CP17593 Datasheet
1Mb / 4P
~16째 diffused spot beam
FA11205 LEDIL-FA11205 Datasheet
2Mb / 7P
~16째 diffused spot beam.
FA11209 LEDIL-FA11209 Datasheet
1Mb / 5P
~16째 diffused spot beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com