Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9TA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G9TA
Description  60 A High power latching relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9TA Datasheet(HTML) 4 Page - Omron Electronics LLC

  G9TA Datasheet HTML 1Page - Omron Electronics LLC G9TA Datasheet HTML 2Page - Omron Electronics LLC G9TA Datasheet HTML 3Page - Omron Electronics LLC G9TA Datasheet HTML 4Page - Omron Electronics LLC G9TA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
G9TA
AC Power Latching Relay
(Unit: mm)
Note 1. Relay is delivered as "reset" status unless specified otherwise. However, the status may change due to the shock from transportation or mounting operations.
Therefore, it is recommended the relay should be set to the expected status via a power supply before being used.
Note 2. In order to maintain "set" or "reset" status, the energizing voltage to coil & the pulse width shouldn't lower then the rated value.
Note 3. Do not energize both of set and reset coil simultaneously.
Note 4. Energizing time longer than 1,000 ms should be avoided.
Engineering Data
Maximum Switching Capacity
G9TA-U1A
G9TA-K1A
33.5 max.
37.1 max.
30
8.8
4
38.6
7.7
10.6
13.55
1
1
12
14.2
18 max.
5±0.05
5±0.05
Three,
@0.64±0.01
Check carefully the coil polarity of the Relay.
Terminal arrangement/Internal Connections
(TOP VIEW)
12
3
4
5
SR
-
G9TA-K1ATW
Switching voltage (V)
1
10
100
1000
110
100
1000
AC Resistive Load
60
250
Switching voltage (V)
1
10
100
1000
110
100
1000
AC Inductive Load (PF=0.5)
60
250



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com