Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7F-3P1RF Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # M7F-3P1RF
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F-3P1RF Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button M7F-3P1RF Datasheet HTML 8Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 9Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 10Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 11Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 12Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 13Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 14Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 15Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
M7F
13
Dimensions
Note: All units are in millimeters unless otherwise indicated.
14.2
10
°
7.8
67.5
50
30.4
(13.5)
4
31
67
+0.6
−0.4
72
68
66
66.5
36
29 14.22
31
7 min.
+0.6
−0.4
(72n
−5)+0.6
−0.4
M7F-
@@1@@
The M7F-4
@1@ is
illustrated.
LED
M7F-4
@1@F
M7F-4
@1@T
M7F-5D1
@
Panel Cutout
(Single Mounting)
(Side-by-side Mounting)
M7F-3
@1@F
M7F-3
@1@T
M7F-4
@1@
Panel thickness: 1 to 6 mm
n: Number of Units mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com