Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM3B Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # XM3B
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM3B Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button XM3B Datasheet HTML 6Page - Omron Electronics LLC XM3B Datasheet HTML 7Page - Omron Electronics LLC XM3B Datasheet HTML 8Page - Omron Electronics LLC XM3B Datasheet HTML 9Page - Omron Electronics LLC XM3B Datasheet HTML 10Page - Omron Electronics LLC XM3B Datasheet HTML 11Page - Omron Electronics LLC XM3B Datasheet HTML 12Page - Omron Electronics LLC XM3B Datasheet HTML 13Page - Omron Electronics LLC XM3B Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
D-sub Connectors
XM3/XM2S
13
Precautions
■ Correct Use
Grounding
To ground, create copper foil around the connector attachment hole on the
board, assemble the connector and grounding fixture, and dip in solder as
shown below.
Tap Hole Grounding Fixtures
Insert the connector into the PCB, tighten the screws, and then dip-solder the
connector terminals to the board.
Lock Pin Grounding Fixtures
Insert the connector into the PCB and then simultaneously dip-solder the con-
nector terminals and lock pin to the board.
Attaching the Dust Cover
To attach the cord to the connector, use Anchor 1 and secure it as shown
below.
To attach the cord to a panel, drill an M3 hole in the panel and secure the cord
to it with an M3 screw. If the cord is not required, cut it off. Use a commercially
available M3 screw.
Tightening Clamp Screws
Use the following torques when tightening cable clamp to hood.
Terminal Screw Tightening Torque (N·m)
Shielded Cable Preparation
Refer to the following diagram when soldering shielded cable to the connector
when using a hood.
1. Fold the unravelled braided shield back over the cable bushing
2. Wrap tape around the folded shield.
Shield Effects
When connecting the braided cable shield to a connector hood, use the cable
clamp to clamp all the braids at once through the shielded tape.
Mate the lock screw washer and spring washer outside the connector when
assembling the hood.
Keep the shell flange of the connector as far away from the metal panel as
possible to maximize the shield effect with a connector mounted to a panel.
The ground wire for the connector will fall into the shell (external metal cover-
ing) with solder-cup terminals, so connect the ground wire to the panel or to
ground on the board.
XM3A/XM3D Connector Insertion and Removal
Grasp the connector or the hood cover when inserting and removing the con-
nector. Never try to remove the connector by pulling the cable.
Soldering - Automated Soldering Conditions.
(Jet Flow) (XM3B, XM3C and XM3F)
1. Soldering temperature: 250
±5°C
2. Continuous soldering time: Within 5 s
9
Contacts
15
Contacts
25
Contacts
37
Contacts
0.25
0.44
0.49
Tap Hole Grounding Fixtures
PCB (t = 1.6 mm)
Approx. 2.3
M3 screw
Lock Pin Grounding Fixtures
PCB (t = 1.6 mm)
Approx.
2.2 to 2.5
Cord
XM3B
Anchor 1
No. of Contacts
L (mm)
925
15
35
25
40
37
45
Braided shield
Cable bushing
10
±1 (Folded shield dimensions)
12 (Taped shield dimensions)
Clamp screws (2)
Lock screw
washers (2)
with spring
washer
Cable bushing (1)
Shielded tape (1)
Cable clamp
Cover screw
hexagonal nut
(2)
Shell flange
Panel mounting holes
Gap
Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com