Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM9B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XM9B
Description  Compact LAN Modular Jack Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM9B Datasheet(HTML) 3 Page - Omron Electronics LLC

  XM9B Datasheet HTML 1Page - Omron Electronics LLC XM9B Datasheet HTML 2Page - Omron Electronics LLC XM9B Datasheet HTML 3Page - Omron Electronics LLC XM9B Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XM9B
3
Safety Precautions
Do not use the product in any atmosphere or environment that
exceeds the ratings.
●Automatic Soldering
Automated Soldering Conditions (Jet Flow)
(1) Soldering temperature: 250
± 5°C
(2) Continuous soldering time: within 5
± 1 s
●Storage
Do not store the Connectors in locations subject to dust or high
humidity. Do not store the Connectors in locations close to sources of
gasses such ammonia gas or sulfide gas.
●Terminal Shapes
The terminals will deform if they are subjected to an excessive load,
which will in turn reduce solderability when mounting. Do not drop the
Connectors or handle them carelessly. Do not connect anything when
the Connectors are not mounted to a board. Doing so may deform the
terminals.
●Using an Automatic Solder Bath
Mask the mating portion with tape before you perform automatic
soldering to prevent flux or solder from entering the mating portion of
the Connector. Select and use a suitable masking tape.
●Application Precautions
• Confirm that there is no excessive misalignment or inclination in
the mating contact portion between the plug and socket before
mating the Connector. Make sure that the Connector is mated all
the way to the back. If the Connector is not mated all the way to the
back, contact reliability may be lost.
• Do not apply an extreme load during Connector insertion or
removal. The Connector may be damaged, and contact failure may
result. Twist the plug and socket as little as possible when mating
the Connector. Not doing so may deform the terminals or housing
or crack the housing.
• Do not insert a foreign object, such as tweezers, into the Connector
mating contact portion. Doing so may cause the plating to peel off
or deform the terminals.
Precautions for Correct Use



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com