Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP3B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XP3B
Description  Highly Reliable Electroformed Probe Pins.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XP3B Datasheet(HTML) 2 Page - Omron Electronics LLC

  XP3B Datasheet HTML 1Page - Omron Electronics LLC XP3B Datasheet HTML 2Page - Omron Electronics LLC XP3B Datasheet HTML 3Page - Omron Electronics LLC XP3B Datasheet HTML 4Page - Omron Electronics LLC XP3B Datasheet HTML 5Page - Omron Electronics LLC XP3B Datasheet HTML 6Page - Omron Electronics LLC XP3B Datasheet HTML 7Page - Omron Electronics LLC XP3B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
XP3B
■Model Number List
■Ratings and Specifications
■Materials and Finish
1
2
3
4
5
6
7
8
Series
Diameter
Overall length
Upper contact
length
Lower contact
length
Plating specification
Upper contact
shape
Lower contact
shape
XP3B
38
0.38 dia.
29
2.85 mm
50
0.5 mm
50
0.5 mm
1Gold
DD
SS
30
0.30 dia.
RR
30
0.30 dia.
12
1.18 mm
30
0.3 mm
15
0.15 mm
S
S
Diameter
0.38 dia.
0.30 dia.
0.30 dia.
Model
XP3B-3829-5050-1-
@/@
XP3B-3029-5050-1-
@/@
XP3B-3012-3015-1-
@/@
Rated current
2A
2A
Contact force
33 gf
25 gf
8 gf
Recommended stroke
0.4 mm
0.2 mm
Maximum stroke
0.5 mm
0.25 mm
Contact resistance
50 m
Ω max.
60 m
Ω max.
100 m
Ω max.
Mechanical durability
1,000,000 operations min.
3 Overall length
5 Lower contact length
4 Upper contact length
2 Diameter
XP3B-
@@@@-@@@@-@-@/@
− −− −− −−−
1
2
34
5
6
7
8
Plunger
Nickel alloy/gold plating
Spring
SWP/gold plating



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com