Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM2S-E Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XM2S-E
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM2S-E Datasheet(HTML) 2 Page - Omron Electronics LLC

  XM2S-E Datasheet HTML 1Page - Omron Electronics LLC XM2S-E Datasheet HTML 2Page - Omron Electronics LLC XM2S-E Datasheet HTML 3Page - Omron Electronics LLC XM2S-E Datasheet HTML 4Page - Omron Electronics LLC XM2S-E Datasheet HTML 5Page - Omron Electronics LLC XM2S-E Datasheet HTML 6Page - Omron Electronics LLC XM2S-E Datasheet HTML 7Page - Omron Electronics LLC XM2S-E Datasheet HTML 8Page - Omron Electronics LLC XM2S-E Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
D-sub Connectors
XM3/XM2S
■ Ratings and Characteristics
■ Materials and Finish
Connectors
Hoods
Note: Jackscrews (thumbscrews) for the straight, non-ESD version of the XM2S hood are sold separately. See “Accessories” section of this datasheet.
■ Applicable Wires
The applicable wires for solder cup terminals are AWG 22 to 28 (solid or stranded).
XM3A, XM3B, XM3B-F,
XM3C (except 37 terminal models),
XM3D, XM3F
XM3C - 37 terminal models
XM2S, XM2S-E
(Hoods)
Rated current
5 A
3 A
- - -
Rated voltage
300 VAC
Contact resistance
15 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC for 1 min. (leakage current: 1 mA max.)
Total insertion force
Number of terminals x 3.33 N max.
Removal force
0.29 N min. (for gauge diameter of 0.99 mm)
Insertion Durability
200 times
Ambient operating
temperature
−55°C to 105°C (with no icing)
−25°C to 85°C
Shield performance
Mounted in panel: 25 dB min. (30 to 900 MHz)
Mounted on board: 20 dB min. (30 to 900 MHz)
- - -
XM3B
XM3B-F
XM3C
XM3F
XM3A
XM3D
Housing
Fiber-glass reinforced PBT resin (UL94V-0)/black
Fiber-glass reinforced PBT resin
(UL94V-0)/Milky white
Contacts Mating End Phosphor Bronze / Nickel base, gold plated (0.4 μm)
Bronze / Nickel
base, gold plated
(0.4
μm)
Phosphor
Bronze / Nickel
base, gold plated
(0.4
μm)
Terminals
Phosphor Bronze / Nickel base,
tin plated (2
μm)
Phosphor Bronze / Nickel base,
tin plated (3
μm)
Bronze / Nickel
base, tin plated
(3
μm)
Phosphor
Bronze / Nickel
base, tin plated
(3
μm)
Shell
Steel.
Nickel plated
XM2S
XM2S-E
Straight Connecting Cable
Right-angle Connecting Cable
Straight Connecting Cable with
ESD Protection
Housing
ABS resin / nickel plated
ABS resin
Cable clamp
Steel / nickel plated
Lock screw (Driver type)
Steel / nickel plated
- - -
- - -
Lock screw (Jackscrew)
Brass / nickel plated (See note)
Brass / nickel plated
Fiber-glass reinforced polyamide
(UL94V-0)/black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com