Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z4D-C01 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # Z4D-C01
Description  Micro-displacement Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z4D-C01 Datasheet(HTML) 1 Page - Omron Electronics LLC

  Z4D-C01 Datasheet HTML 1Page - Omron Electronics LLC Z4D-C01 Datasheet HTML 2Page - Omron Electronics LLC Z4D-C01 Datasheet HTML 3Page - Omron Electronics LLC Z4D-C01 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Microphotonic Devices (Micro-displacement Sensor)
Z4D-C01
Micro-displacement Sensor
• Enable to detect ±10
m level displacement, applicable to detect
duplicated paper feeding or deflection amount.
• Displacement output changes by object colors are stabilized with
signal divider circuit.
• Operating area = 6.5 ±1 mm.
Ordering Information
Micro-displacement Sensor
Ratings, Characteristics and Exterior Specifications
Absolute Maximum Ratings (Ta = 25°C)
Note: Refer to Pulsed Forward Current Rated Curve.
Characteristics (Ta = 25°C)
Object: N8.5 Munsell paper with a reflection factor of 70%.
*1. Distance from Mounting Reference Plane to Target.
*2. The sensitivity is defined as slope of the line and it represents the
variation in the output voltage per unit length between different products.
*3. This is the value of the electrical noise width in the output signal
converted to a distance under the following conditions.
(1) Noise width is measured in a waveform after the four times
average with an oscilloscope.
(2) Ripple noise in the power supply voltage (Vcc): 10 mVp-p max.
(3) Distance from mounting reference plane to target: 6.5 mm
(4) Resolution is measured by the voltage of response delay time (tr2).
*4. This is the peak-to-peak value of the deviation of the signal output
from a straight line.
A linearity of 2% F.S. indicates the following value:
(1) Distance full-scale converted value: 2 mm × 0.02 = 0.04 mm (40
m)
(2) Output voltage converted value: 1.4 mV/
m × 40 m = 56 mV
(for a sensor with a sensitivity of 1.4 mV/
m)
Exterior Specification
Electrical and Optical Characteristics (Ta = -10°C to 65°C)
*1. Load impedance (between OUT-GND) is set at more than 10 k.
*2. tr1: Rise time of output voltage from 10% to 90%.
*3. tr2: Setup time from PLS rising edge to measured output value
rising edge.
Be sure to read Safety Precautions on page 3.
Appearance
Sensing
method
Connecting method
Sensing distance
Output type
Model
Triangulation
Connector
6.5 ±1 mm
Analog output
Z4D-C01
15
35.5
16
Item
Symbol
Rated value
Unit
Remarks
Supply voltage
VCC
7
V
---
LED pulse light
emission control signal
PLS
7
V
LED
LED light emission pulse
tFP
100
ms
Please refer Pulsed Forward
Current Rated Curve
Operating temperature
Topr
-10 to +65
°C
No freezing or condensation
Storage temperature
Tstg
-25 to +80
°C
---
Item
Value
Operating area
*1
6.5 ±1 mm
Sensitivity variation
*2 -1.4 mV/m ±10% max.
Resolution
*3
±10
m max.
Linearity
*4
2% F.S. (full scale) max.
Sensitivity
variation =
V1 - V0
(mV/m)
V0: Output voltage at the point d0
V1: Output voltage at the point d1
d0,d1: Distance between datum clamp
face and detective object
2000
d0
5.5 mm
d1
7.5 mm
Connecting
method
Weight (g)
Material
Case
Cover
Lens
Connector
3.6
Polycarbonate
Polycarbonate
PMMA
Item
Symbol
Rated value
Remarks
Power supply voltage
VCC
5 V ±10%
Ripple (p-p): 10 mV
p-p max.
Output voltage
OUT
0.2 V to (VCC - 0.3) V
*1
Response delay
time
tr1
100
s max.
*2
tr2
500
s max.
*3
LED pulse light
emission control
signal voltage
PLS
3.5 V to VCC
---


Similar Part No. - Z4D-C01

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Z4D-A01 OMRON-Z4D-A01 Datasheet
333Kb / 4P
Micro-displacement Sensor
Z4D-B01 OMRON-Z4D-B01 Datasheet
326Kb / 6P
Micro-displacement Sensor
More results

Similar Description - Z4D-C01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SY190 ETC1-EE-SY190 Datasheet
349Kb / 3P
Micro-displacement Sensor
logo
Omron Electronics LLC
Z4D-A01 OMRON-Z4D-A01 Datasheet
333Kb / 4P
Micro-displacement Sensor
Z4D-B01 OMRON-Z4D-B01 Datasheet
326Kb / 6P
Micro-displacement Sensor
E4PA-N OMRON-E4PA-N Datasheet
316Kb / 9P
Ultrasonic Displacement Sensor
logo
Vishay Siliconix
RH28 VISHAY-RH28 Datasheet
105Kb / 4P
Analog Linear Displacement Sensor
09-Sep-15
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
logo
Littelfuse
55250 LITTELFUSE-55250 Datasheet
2Mb / 2P
55250 Angular Displacement Sensor
logo
SICK AG
OD1000 SICK-OD1000 Datasheet
5Mb / 68P
Displacement measurement sensor
logo
Vishay Siliconix
PORH12 VISHAY-PORH12_V01 Datasheet
164Kb / 8P
Analog Rectilinear Displacement Sensor
15-Jun-2022
RP12 VISHAY-RP12_V01 Datasheet
131Kb / 4P
Analog Linear Displacement Sensor
15-Jun-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com