Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS006NT1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # AFT05MS006NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006NT1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button AFT05MS006NT1 Datasheet HTML 9Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 10Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 11Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 12Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 13Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 14Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 15Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 16Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AFT05MS006NT1
13
RF Device Data
Freescale Semiconductor, Inc.
760--870 MHz UHF BROADBAND REFERENCE CIRCUIT
Table 12. 760--870 MHz UHF Broadband Performance (In Freescale Reference Circuit, 50 ohm system)
VDD =7.5 Volts, IDQ = 100 mA, TA =25C, CW
Frequency
(MHz)
Pin
(W)
Gps
(dB)
D
(%)
Pout
(W)
760
0.12
16.6
50.4
6.0
815
0.13
16.1
58.1
6.0
870
0.16
15.0
60.0
6.0
Table 13. Load Mismatch/Ruggedness (In Freescale Reference Circuit)
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
815
CW
> 65:1 at all
Phase Angles
0.4
(3 dB Overdrive)
9.0
No Device
Degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com