Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2632 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2632
Description  FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2632 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2632 Datasheet HTML 4Page - Texas Instruments TLV2632 Datasheet HTML 5Page - Texas Instruments TLV2632 Datasheet HTML 6Page - Texas Instruments TLV2632 Datasheet HTML 7Page - Texas Instruments TLV2632 Datasheet HTML 8Page - Texas Instruments TLV2632 Datasheet HTML 9Page - Texas Instruments TLV2632 Datasheet HTML 10Page - Texas Instruments TLV2632 Datasheet HTML 11Page - Texas Instruments TLV2632 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TLV2630, TLV2631
TLV2632, TLV2633
TLV2634, TLV2635
SLOS362A − JUNE 2001 − REVISED JANUARY 2005
8
www.ti.com
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
VDD = 2.7 V and 5 V
TA = 25° C
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
10
1k
10M
10k
100k
100
PSSR+
PSSR−
1M
−10
0
10
20
30
40
50
60
70
80
90
100
1 k
10 k
100 k
1 M
10 M
−90
−60
−30
0
30
60
90
120
f − Frequency − Hz
DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE
vs
FREQUENCY
Gain
Phase
VDD = 2.7 V
RL= 2 kΩ
CL = 10 pF
TA = 25° C
Figure 10
Figure 11
Figure 12
0
1
2
3
4
5
6
7
8
9
10
2
2.5
3
3.5
4
4.5
5
5.5
6
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
RL = 2 kΩ
CL = 10 pF
f = 10 kHz
Figure 13
0
1
2
3
4
5
6
7
8
9
10
−40 −25 −10 5
20 35 50 65 80 95 110 125
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 2.7 and 5 V
RL = 2 kΩ
CL = 10 pF
f = 10 kHz
Figure 14
0
1
2
3
4
5
6
7
8
9
10
11
2.5
3
3.5
4
4.5
5
5.5
6
SR−
SR+
VDD − Supply Voltage − V
AV = 1
RL = 2 kΩ
CL = 50 pF
V(step) = 1 Vpp
TA = 25° C
SLEW RATE
vs
SUPPLY VOLTAGE
Figure 15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
−40 −25 −10 5 20 35 50 65 80
95 110 125
VDD = 2.7 V
AV = 1
RL = 2 kΩ
CL = 50 pF
V(step) = 1 Vpp
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
SR−
SR+
Figure 16
0
1
2
3
4
5
6
7
8
9
10
11
12
13
−40 −25 −10 5
20 35 50 65 80 95 110 125
SR−
SR+
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 5 V
AV = 1
V(step) = 1 Vpp
RL = 2 kΩ
CL = 50 pF
Figure 17
0
5
10
15
20
25
30
35
40
45
50
55
10
100
1 k
PHASE MARGIN
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
VDD = 2.7 V and 5 V
RL = 2 kΩ
AV = 1
TA = 25°C
Rnull = 100
Ω
Rnull = 20
Ω
Rnull = 0
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com