Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPR400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TPR400
Description  400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TPR400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TPR400 Datasheet HTML 1Page - List of Unclassifed Manufacturers TPR400 Datasheet HTML 2Page - List of Unclassifed Manufacturers TPR400 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE
THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE
PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
TPR 400
400 Watts, 50 Volts, Pulsed
Avionics 1030 - 1090 MHz
GENERAL DESCRIPTION
CASE OUTLINE
The TPR 400 is a high power COMMON BASE bipolar transistor. It is
designed for pulsed systems in the frequency band 1030-1090 MHz. The
device has gold thin-film metallization for proven highest MTTF. The
transistor includes input prematch for broadband capability. Low thermal
resistance package reduces junction temperature, extends life.
55CX, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
875 Watts
o2
Maximum Voltage and Current
BVces
Collector to Base Voltage
55 Volts
BVebo
Emitter to Base Voltage
4.0 Volts
Ic
Collector Current
30 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 150 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
VSWR
Power Out
F = 1030-1090 MHz
400
Watts
Power Input
Vcc = 50 Volts
75
Watts
Power Gain
7.27
dB
Collector Efficiency
40
%
Load Mismatch Tolerance
20:1
PW = 10
µsec
DF = 1%
F = 1090 MHz
BVebo
BVces
hFE
θjc2
Emitter to Base Breakdown
Ie = 20 mA
4.0
Volts
Collector to Emitter Breakdown
Ic = 25 mA
55
Volts
DC - Current Gain
Ic = 2.5 A, Vce = 5 V
10
100
Thermal Resistance
0.2
C/W
o
Note 1: At rated output power and pulse conditions
2: At rated pulse conditions
Issue B, February 1998


Similar Part No. - TPR400

ManufacturerPart #DatasheetDescription
logo
GHz Technology
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
logo
TEKTRONIX, INC.
TPR4000 TEKTRONIX-TPR4000 Datasheet
428Kb / 6P
Active Power Rail Probes
logo
Microsemi Corporation
TPR400A MICROSEMI-TPR400A Datasheet
149Kb / 4P
400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results

Similar Description - TPR400

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS60L MICROSEMI-MDS60L Datasheet
70Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR400A MICROSEMI-TPR400A Datasheet
149Kb / 4P
400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com