Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54980PWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54980PWPR
Description  3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54980PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS54980PWPR Datasheet HTML 8Page - Texas Instruments TPS54980PWPR Datasheet HTML 9Page - Texas Instruments TPS54980PWPR Datasheet HTML 10Page - Texas Instruments TPS54980PWPR Datasheet HTML 11Page - Texas Instruments TPS54980PWPR Datasheet HTML 12Page - Texas Instruments TPS54980PWPR Datasheet HTML 13Page - Texas Instruments TPS54980PWPR Datasheet HTML 14Page - Texas Instruments TPS54980PWPR Datasheet HTML 15Page - Texas Instruments TPS54980PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TPS54980
SLVS452A − FEBRUARY 2003 − REVISED FEBRUARY 2005
www.ti.com
12
PERFORMANCE GRAPHS
Figure 12
50
55
60
65
70
75
80
85
90
95
100
0
246
8
10
IO − Output Current − A
EFFICIENCY
vs
OUTPUT CURRENT
VI = 3.3 V
Figure 13
1.79
1.792
1.794
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
02
4
6
8
10
IO − Output Current − A
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 3.3 V
Figure 14
1.79
1.792
1.794
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
3
3.25
3.5
3.75
4
IO = 9 A
IO = 4.5 A
IO = 0 A
VI − Input Voltage − V
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
Figure 15
−60
−50
−40
−30
−20
−10
0
10
20
30
40
50
60
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
Phase
Gain
f − Frequency − Hz
LOOP RESPONSE
VI = 5 V,
IO = 0 A,
fS = 700 kHz
100
1 k
10 k
100 k
1 M
Figure 16
25
35
45
55
65
75
85
95
105
115
125
AMBIENT TEMPERATURE
vs
LOAD CURRENT(1)
IO − Output Current − A
02468
10
12
14
16
fs = 700 kHz,
TJ = 125°C,
VI = 3.3 V,
VO = 1.8 V
Figure 17
OUTPUT AND INPUT RIPPLE
t − Time − 1
µs/div
Figure 18
LOAD TRANSIENT RESPONSE
t − Time −100
µs/div
I = 2.25 A to 6.75 A
Figure 19
START-UP TIMING
t − Time −1 ms/div
VIO
V(core)
PWRGD(I/O)
PWRGD(CORE)
Figure 20
POWER DOWN TIMING
t − Time −100 ms/div
VIO
V(core)
PWRGD(I/O)
PWRGD(CORE)
(1) Safe operating area is applicable to the test board conditions in the Dissipation Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com