Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1122D Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR1122D
Description  LOW NOISE 200mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1122D Datasheet(HTML) 5 Page - Unisonic Technologies

  LR1122D Datasheet HTML 1Page - Unisonic Technologies LR1122D Datasheet HTML 2Page - Unisonic Technologies LR1122D Datasheet HTML 3Page - Unisonic Technologies LR1122D Datasheet HTML 4Page - Unisonic Technologies LR1122D Datasheet HTML 5Page - Unisonic Technologies LR1122D Datasheet HTML 6Page - Unisonic Technologies LR1122D Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR1122D
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-320.N
TYPICAL CHARACTERISTICS
100
200
300
400
0
0
0.4
0.8
1.2
1.6
2.0
2.4
Output Current, IOUT (mA)
Output Voltage vs. Output Current
50
150
250
350
VOUT=2V
VIN=3V
VIN=4V
VIN=5V
-40 -30
0
40
80
70
90
Temperature, TOPR (°С)
1.95
1.96
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
2.05
(VIN=3V)
Output Voltage vs. Temperature
50 60
10 20 30
-20 -10
0
50
100
150
200
Output Current, IOUT (mA)
0
50
100
150
200
250
300
350
400
450
Dropout Voltage vs. Output Current
TA=25°C
VOUT=2V
0
20 40
60 80
Time, t (µs)
3.0
4.0
Input Voltage
Output Voltage
Input Transient Response
VOUT=2V
IOUT =30mA
tR = tF = 5µs
Time, t (µs)
Output Voltage
Output Current 50mA
100mA
50
0
100
150
VOUT=2V
VIN=3V
Load Transient Response
Time, t (µs)
Output Voltage
Output Current 10mA
150mA
0
100
200
Load Transient Response
100 120 140 160 180 200
0
20 40
60 80 100 120 140 160 180 200
0
20 40
80 100 120 140 160 180 200
60
VOUT=2V
VOUT=2V
VIN=3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com