Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6401AG-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR6401AG-AG6-R
Description  DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR6401AG-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LR6401AG-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR6401AG-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR6401AG-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR6401AG-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR6401AG-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR6401AG-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR6401AG-AG6-R Datasheet HTML 7Page - Unisonic Technologies LR6401AG-AG6-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LR6401
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-332.P
TYPICAL CHARACTERISTICS(Cont.)
0.5
1.0
0
Time (ms)
0
50
-50
2.8
3.8
Input Transient Reponse (VOUT=1.8V)
Input Transient Reponse (VOUT=3.3V)
0.5
0
Time (ms)
IOUT=1mA
TA=25°C
CIN=COUT=1μF
0
20
-20
4.3
5.3
IOUT=100mA
TA=25°C
CIN=COUT=1μF
0
0.5
1.0
0
Time (ms)
Input Transient Reponse (VOUT=3.3V)
IOUT=30mA
TA=25°C
CIN=COUT=1μF
0
50
-50
4.3
5.3
Input Transient Reponse (VOUT=3.3V)
0.5
1.0
0
Time (ms)
0
50
-50
IOUT=100mA
TA=25°C
CIN=COUT=1μF
4.3
5.3
0
Load Transient Response (VOUT=1.8V)
CIN=COUT1=1μF
IOUT1=10mA~50mA
VIN=2.8V
-20
0
20
10
50
0.5
1.0
0
Time (ms)
0.5
1.0
0
Time (ms)
Load Transient Response (VOUT=1.8V)
-50
0
50
10
100
CIN=COUT1=1μF
IOUT1=10mA~100mA
VIN=2.8V
1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com