Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6401BG-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR6401BG-AG6-R
Description  DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR6401BG-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR6401BG-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR6401BG-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR6401BG-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR6401BG-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR6401BG-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR6401BG-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR6401BG-AG6-R Datasheet HTML 7Page - Unisonic Technologies LR6401BG-AG6-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR6401
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-332.P
DUAL CHANNEL LDO
REGULATORS WITH ENABLE
FUNCTION
DESCRIPTION
The UTC LR6401 is a low noise and high accuracy LDO voltage
regulator which has enable soft start function. Designers can reduce
power consumption more easily by applying EN function that can
turn off the output of each device and control the in rush current
through the soft the start function.
The UTC LR6401 comes with low design cost and outstanding
output stability and its compatibility of working with low ESR ceramic
capacitors is undoubted. Besides, and this level of stability is
ensured by the perfect transient response and PSRR derived from a
large frequency range.
FEATURES
* VD=150mV @100mA (Typ.), VOUT ≥2.8V
* Range of Operating Voltage:2.5V ~ 6.0V
* Range of Output Voltage Range:1.2V ~ 4.0V
* Range of Output Current:300mA / Channel
* Low Power Consumption:30μA (Typ.) for Each Channel
* Standby Current:0.1μA (Typ.)
* Accurate:±2%
* High PSRR: 65 dB
* Each Channel Output Current Limit Protection:450mA
* With Short Circuit Protection
* Output ON/OFF Control Function
SOT-26
4
5
3
2
1
6
DFN-1820-6
1
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR6401xL-AL6-R
LR6401xG-AG6-R
SOT-26
Tape Reel
LR6401xL-K06-1820-R
LR6401xG-K06-1820-R
DFN1820-6
Tape Reel
Note: x: Output Voltage, refer to Marking Information.


Similar Part No. - LR6401BG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR6401 UTC-LR6401 Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401XG-AG6-R UTC-LR6401XG-AG6-R Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401XG-VB06-2018-R UTC-LR6401XG-VB06-2018-R Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401XL-AG6-R UTC-LR6401XL-AG6-R Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401XL-VB06-2018-R UTC-LR6401XL-VB06-2018-R Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
More results

Similar Description - LR6401BG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9020 TSC-TS9020 Datasheet
396Kb / 6P
200mA Dual Channel CMOS LDO with Enable Function
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837 Datasheet
210Kb / 7P
DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8838 A-POWER-APE8838 Datasheet
207Kb / 7P
DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
600mA CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8843 A-POWER-APE8843_16 Datasheet
67Kb / 4P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com