Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LADLD50G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LADLD50G-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LADLD50G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LADLD50G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LADLD50G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LADLD50G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LADLD50G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LADLD50G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LADLD50G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LADLD50G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LADLD50G-SH2-R Datasheet HTML 8Page - Unisonic Technologies LADLD50G-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LXXLD50
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-474.D
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
HSOP-8
25 : 2.5V
AD: ADJ
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground pin of the circuitry. All voltage levels are measured with respect to this pin.
2
ADJ
This pin, when grounded, sets the output voltage by the internal feedback resistors;
If external feedback resistors are used, the output voltage will be VOUT=0.8· (1+R1/R2)
(V) where R1 is connected from VOUT to ADJ with Kelvin sensing and R2 is connected
from ADJ to GND. A bypass capacitor may be connected with R1in parallel to improve
load transient response. The recommended R2 and R1 are in the range of 100~10kΩ.
3
VOUT
4
VOUT
Output of the regulator. Please connect Pin 3 and 4 together using wide tracks. It is
necessary to connect a output capacitor with this pin for closed-loop compensation and
improving transient responses.
5
VIN
Main supply input pins for power conversions. The Exposed Pad provide a very low
impedance input path for the main supply voltage. Please tie the Exposed Pad and VIN
Pin (Pin 8) together to reduce the dropout voltage. The voltage at this pins is monitored
for Power-On Reset purpose.
6
VCNTL
Power input pin of the control circuitry. Connecting this pin to a +5V (recommended)
supply voltage provides the bias for the control circuitry. The voltage at this pin is
monitored for Power-On Reset purpose.
7
POK
Power-OK signal output pin. This pin is an open-drain output used to indicate status of
output voltage by sensing FB voltage. This pin is pulled low when the rising FB voltage
is not above the VPOK threshold or the falling FB voltage is below the VPNOK
threshold, indicating the output is not OK.
8
EN
Enable control pin. Pulling and holding this pin below 0.3V shuts down the output.
When re-enabled, the IC undergoes a new soft-start cycle . Left this pin open, an
internal current source 10mA pulls this pin up to VCNTL voltage, enabling the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com