Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2211APWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2211APWPRG4
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211APWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2211APWPRG4 Datasheet HTML 1Page - Texas Instruments TPS2211APWPRG4 Datasheet HTML 2Page - Texas Instruments TPS2211APWPRG4 Datasheet HTML 3Page - Texas Instruments TPS2211APWPRG4 Datasheet HTML 4Page - Texas Instruments TPS2211APWPRG4 Datasheet HTML 5Page - Texas Instruments TPS2211APWPRG4 Datasheet HTML 6Page - Texas Instruments TPS2211APWPRG4 Datasheet HTML 7Page - Texas Instruments TPS2211APWPRG4 Datasheet HTML 8Page - Texas Instruments TPS2211APWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS2211A
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SELECTION GUIDE
VCC
Vpp
DEVICE
3.3-V TYPICAL
rDS(on)
(
Ω)
5-V TYPICAL
rDS(on)
(
Ω)
RECOMMENDED
MAXIMUM OUTPUT
CURRENT
(A)
3.3-V OR 5-V
TYPICAL
rDS(on)
(
Ω)
12-V MAXIMUM
rDS(on)
(
Ω)
RECOMMENDED MAXIMUM
OUTPUT CURRENT
(A)
TPS2211AIDB
0.07
0.07
1
4
2
0.15
TPS2211APWP
0.07
0.07
1
4
2
0.15
TPS2211IDB
0.048
0.05
1
4
1
0.15
TPS2212IDB
0.16
0.16
0.25
4
1
0.15
typical PC-card power-distribution application
AVCC
AVCC
AVCC
AVPP
VCCD0
VCCD1
VPPD0
VPPD1
OC
SHDN
GND
0.1
µF
0.1
µF
VCC1
VCC2
Vpp1
Vpp2
PC Card
Connector
PCMCIA
Controller
VCC_EN0
VCC_EN1
VPP_EN0
VPP_EN1
CS
To CPU
TPS2211A
12 V
5 V
5 V
0.1
µF
5 V
3.3 V
3.3 V
0.1
µF
3.3 V
Shutdown Signal From CPU
12 V
+
+
0.1
µF
+†
†
†
‡
† Refer to power-supply considerations in application information for selection of appropiate capacitors on supply inputs.
‡ The diagram refers to the 16-pin DB package. It is recommended that the 3 AVCC pins be tied together externally to minimize power loss. For
the 20-pin package, the 4 AVCC pins (13, 14, 15, and 16) must be tied together externally as close as possible to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com