Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3965L-50-AB3-D-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR3965L-50-AB3-D-R
Description  1.5A LOW DROPOUT LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3965L-50-AB3-D-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR3965L-50-AB3-D-R Datasheet HTML 1Page - Unisonic Technologies LR3965L-50-AB3-D-R Datasheet HTML 2Page - Unisonic Technologies LR3965L-50-AB3-D-R Datasheet HTML 3Page - Unisonic Technologies LR3965L-50-AB3-D-R Datasheet HTML 4Page - Unisonic Technologies LR3965L-50-AB3-D-R Datasheet HTML 5Page - Unisonic Technologies LR3965L-50-AB3-D-R Datasheet HTML 6Page - Unisonic Technologies LR3965L-50-AB3-D-R Datasheet HTML 7Page - Unisonic Technologies LR3965L-50-AB3-D-R Datasheet HTML 8Page - Unisonic Technologies LR3965L-50-AB3-D-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LR3965
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R102-037.R
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6.5
V
SOP-8
606
mW
SOT-223
714
mW
SOT-89
500
mW
TO-252/TO-252-5/TO-252-4
952
mW
Power Dissipation
TO-263/TO-263-5
PD
1250
mW
Junction Temperature
TJ
+125
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
165
SOT-223
150
SOT-89
180
TO-252/TO-252-5/TO-252-4
112
Junction to Ambient
TO-263/TO-263-5
θJA
64
C/W
SOP-8
20
SOT-223
15
SOT-89
50
TO-252/TO-252-5/TO-252-4
12
Junction to Case
TO-263/TO-263-5
θJC
4
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com