Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3966L-AD-TQ5-A-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR3966L-AD-TQ5-A-R
Description  3.0A LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3966L-AD-TQ5-A-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR3966L-AD-TQ5-A-R Datasheet HTML 1Page - Unisonic Technologies LR3966L-AD-TQ5-A-R Datasheet HTML 2Page - Unisonic Technologies LR3966L-AD-TQ5-A-R Datasheet HTML 3Page - Unisonic Technologies LR3966L-AD-TQ5-A-R Datasheet HTML 4Page - Unisonic Technologies LR3966L-AD-TQ5-A-R Datasheet HTML 5Page - Unisonic Technologies LR3966L-AD-TQ5-A-R Datasheet HTML 6Page - Unisonic Technologies LR3966L-AD-TQ5-A-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR3966
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
2 of 7
www.unisonic.com.tw
QW-R101-032.F
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
18 : 1. 8V
33 : 3. 3V
A D: A DJ
1
2
3
LR3966G
XXXXXXXX
Date Code
Voltage Code
Pin Code
TO-263
1
2
3
UTC
LR3966X
XXXXXXXXXXX
Voltage Code
Date Code
Pin Code
Lot Code
L: Lead Free
G: Halogen Free
TO-252-5
TO-263-5
1 2 3
UTC
LR3966X
XXXXXXXXXX
Voltage Code
Date Code
Lot Code
L: Lead Free
G: Halogen Free
4 5
PIN CONFIGURATION
GND
VOUT
VIN
TO-263
1
2
3
VIN GND VOUT
SOT-223
1
2
3
TO-252-5/TO-263-5
1
2
3
4
5
SENSE/ADJ
VOUT
GND
VIN
EN
PIN DESCRIPTION
PIN NAME
DESCRIPTION
EN
Active-Low Shutdown Input. Connect EN to VIN for normal operation.
VIN
Power Input Voltage. Supply voltage can range from 2.5V to 6V. Bypass with a 68µF capacitor to
GND.
GND
Ground
VOUT
Output Voltage
ADJ
Voltage-adjust Input. Connect an external resistive voltage-divider from VOUT to ADJ to set the
output voltage between 1.145V and 5V.
SENSE
Remote sense pin.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com