Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZA1046TM Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TZA1046TM
Description  Photodiode and amplifier IC for CD and DVD applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1046TM Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TZA1046TM Datasheet HTML 9Page - NXP Semiconductors TZA1046TM Datasheet HTML 10Page - NXP Semiconductors TZA1046TM Datasheet HTML 11Page - NXP Semiconductors TZA1046TM Datasheet HTML 12Page - NXP Semiconductors TZA1046TM Datasheet HTML 13Page - NXP Semiconductors TZA1046TM Datasheet HTML 14Page - NXP Semiconductors TZA1046TM Datasheet HTML 15Page - NXP Semiconductors TZA1046TM Datasheet HTML 16Page - NXP Semiconductors TZA1046TM Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2004 May 04
13
Philips Semiconductors
Preliminary specification
Photodiode and amplifier IC
for CD and DVD applications
TZA1046
Differential RF outputs channel: pins RFP and RFN
B−3dB
bandwidth
Io = 1.0 mA
writing DVD+R
−
120
−
MHz
writing CDR clipping
−
205
−
MHz
writing DVD+RW or CDR no-clip
−
375
−
MHz
writing CDRW
−
118
−
MHz
reading DVD
130
175
−
MHz
reading CD
100
130
−
MHz
reading DVD+RW
130
166
−
MHz
reading CDRW
80
114
−
MHz
∆td(p)
phase delay variation
Io = 1.0 mA; fi = 2 to 104 MHz
reading DVD
−
0.2
−
ns
reading CD
−
0.3
−
ns
reading DVD+RW
−
0.25
−
ns
reading CDRW
−
0.5
−
ns
∆td(g)
group delay variation
Io = 1.0 mA; fi = 2 to 104 MHz
reading DVD
−
0.4
−
ns
reading CD
−
0.6
−
ns
reading DVD+RW
−
0.4
−
ns
reading CDRW
−
1
−
ns
CMR
common mode ripple
Io = 2 mA (peak); fo up to 104 MHz;
note 6
−20
−−
dB
Vo
output voltage range
1
−
VDD2 − 1V
Io
output current
0
−
8mA
Io(offset)
output offset current
dark conditions; Tamb = 0 to 70 °C
pin RFP
7
22
40
µA
pin RFN
−7
−20
−35
µA
pin RFP; reading CDRW
14
43
79
µA
pin RFN; reading CDRW
−13
−39
−70
µA
In(o)
spot noise output
current
Io = 1.0 mA; fo = 50 MHz; note 5
reading CD
−
0.9
−
nA/
√Hz
reading DVD+RW
−
0.3
−
nA/
√Hz
reading CDRW
−
1.5
−
nA/
√Hz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com