Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF2001GD Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SFF2001GD
Description  20.0 Amperes Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF2001GD Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SFF2001GD Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF2001GD Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low forward voltage drop
Super fast switching for high efficiency
High current capability
Case: ITO-220AB full plastic isolated package
High surge current capability
Weight: 1.90 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
SFF2001GD thru SFF2008GD
Pb Free Plating Product
SFF2001GD thru SFF2008GD
20.0 Amperes Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Application
Pb
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.08T
ITO-220AB/TO-220F-3L
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "GA"
Suffix "GD"
Suffix "GS"
Suffix "G"
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Unit : inch (mm)
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
trr
ns
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
UNIT
Maximum repetitive peak reverse voltage
PARAMETER
SYMBOL
SFF
2001
GD
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
20
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Maximum instantaneous forward voltage (Note 1)
@ 10 A
VF
0.975
1.3
1.7
V
Maximum reverse current @ rated VR
TJ=25°C
IR
10
μA
TJ=125°C
400
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Maximum reverse recovery time (Note 2)
35
Typical junction capacitance (Note 3)
Typical thermal resistance
2.5
Note 3: Measured at 1 MHz and applied reverse voltage of 4.0 V DC.
SFF
2002
GD
SFF
2003
GD
SFF
2004
GD
SFF
2005
GD
SFF
2006
GD
SFF
2007
GD
SFF
2008
GD
90
Operating junction temperature range


Similar Part No. - SFF2001GD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF2001G TSC-SFF2001G Datasheet
330Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2001G TSC-SFF2001G Datasheet
192Kb / 2P
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF2001G TSC-SFF2001G Datasheet
421Kb / 3P
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Thinki Semiconductor Co...
SFF2001G THINKISEMI-SFF2001G Datasheet
1Mb / 2P
20.0 Amperes Insulated Dual Common Cathode Super Fast Recovery Rectifiers
SFF2001GA THINKISEMI-SFF2001GA Datasheet
860Kb / 2P
20.0 Amperes Insulated Dual Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - SFF2001GD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF1601GD THINKISEMI-SFF1601GD Datasheet
850Kb / 2P
16.0 Amperes Insulated Doubler Polarity Super Fast Recovery Rectifiers
MUR2020FCD THINKISEMI-MUR2020FCD Datasheet
757Kb / 2P
20.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MURF2020DR THINKISEMI-MURF2020DR Datasheet
757Kb / 2P
20.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UF2020DR THINKISEMI-UF2020DR Datasheet
757Kb / 2P
20.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MURF2080CTD THINKISEMI-MURF2080CTD Datasheet
356Kb / 2P
20.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
SF201CD THINKISEMI-SF201CD Datasheet
741Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF201CTD THINKISEMI-SF201CTD Datasheet
741Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
MURF2020CD THINKISEMI-MURF2020CD Datasheet
269Kb / 2P
20.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020FCR THINKISEMI-MUR2020FCR Datasheet
299Kb / 2P
20.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MURR2020FCT THINKISEMI-MURR2020FCT Datasheet
300Kb / 2P
20.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com