Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EAS/883 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TSS901EAS/883
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EAS/883 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TSS901EAS/883 Datasheet HTML 5Page - ATMEL Corporation TSS901EAS/883 Datasheet HTML 6Page - ATMEL Corporation TSS901EAS/883 Datasheet HTML 7Page - ATMEL Corporation TSS901EAS/883 Datasheet HTML 8Page - ATMEL Corporation TSS901EAS/883 Datasheet HTML 9Page - ATMEL Corporation TSS901EAS/883 Datasheet HTML 10Page - ATMEL Corporation TSS901EAS/883 Datasheet HTML 11Page - ATMEL Corporation TSS901EAS/883 Datasheet HTML 12Page - ATMEL Corporation TSS901EAS/883 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
TSS901E
Rev. C – 24-Aug-01
TSS901E channel 2 status and control registers
18
18
18
CH1_CNTRL1
channel 1 control Register 1
00
r / w
19
19
19
CH1_CNTRL2
channel 1 control Register 2
00
r / w
1A
1A
1A
CH1_HTID
channel 1 Header Transaction ID byte
00
ro
1B
1B
1B
CH1_HCNTRL
channel 1 Header control byte
00
ro
1C
1C
1C
CH1_ESR1
channel 1 detailed error source register 1
00
r / w
1D
1D
1D
CH1_ESR2
channel 1 detailed error source register 2
00
r / w
1E
1E
1E
reserved
00
---
1F
1F
1F
CH1_COMICFG
channel 1 COMI configuration register
00
r / w
20
20
20
21
CH1_TX_SAR
channel 1 transmit Start Address Register
0000
r / w
22
22
22
23
CH1_TX_EAR
channel 1 transmit End Address Register
0000
r / w
24
24
24
25
CH1_TX_CAR
channel 1 transmit Current Address Register
0000
ro
26
26
26
CH1_TX_FIFO
channel 1 transmit FIFO
--
wo
27
27
27
CH1_TX_EOPB
channel 1 transmit EOP Bit Register
--
wo
28
28
28
29
CH1_RX_SAR
channel 1 receive Start Address Register
0000
r / w
2A
2A
2A
2B
CH1_RX_EAR
channel 1 receive End Address Register
0000
r / w
2C
2C
2C
2D
CH1_RX_CAR
channel 1 receive Current Address Register
0000
ro
2E
2E
2E
CH1_RX_FIFO
channel 1 receive FIFO
xxxxxxxx
ro
2F
2F
2F
CH1_STAR
channel 1 Status Register
01
ro
Port Width / Address
(hex)
Register
Function
Reset Value
(hex)
Access
32
16
8
Port Width / Address
(hex)
Register
Function
Reset Value
(hex)
Access
32
16
8
30
30
30
CH2_DSM_MODR
channel 2 DSM mode Register
03
r / w
31
31
31
CH2_DSM_CMDR
channel 2 DSM command Register
00
r / w
32
32
32
CH2_DSM_STAR
channel 2 DSM status Register
00
r / w
33
33
33
CH2_DSM_TSTR
channel 2 DSM test Register
00
r / w
34
34
34
CH2_ADDR
channel 2 address Register
00
r / w
35
35
35
CH2_RT_ADDR
channel 2 Route Address Register
00
r / w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com