Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7500G-18-AB3-B-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT7500G-18-AB3-B-R
Description  HIGH DRIVER REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7500G-18-AB3-B-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT7500G-18-AB3-B-R Datasheet HTML 1Page - Unisonic Technologies UT7500G-18-AB3-B-R Datasheet HTML 2Page - Unisonic Technologies UT7500G-18-AB3-B-R Datasheet HTML 3Page - Unisonic Technologies UT7500G-18-AB3-B-R Datasheet HTML 4Page - Unisonic Technologies UT7500G-18-AB3-B-R Datasheet HTML 5Page - Unisonic Technologies UT7500G-18-AB3-B-R Datasheet HTML 6Page - Unisonic Technologies UT7500G-18-AB3-B-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UT7500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-303.O
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.3 ~ +26
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
+125
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-50 ~ +125
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
FOR UT7500-18
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =3.8V, IOUT=10mA
1.746
1.8
1.854
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =3.8V
60
100
mA
Load Regulation
∆VOUT
VIN =3.8V, 1mA≦IOUT≦50mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
∆V
∆V
2.8V≦VIN≦12V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =3.8V , No load
10
20
μA
Temperature Coefficient
A
OUT
∆T
∆V
VIN =3.8V , IOUT=10mA
0°С<TA<70°С
±0.45
mV/°С
FOR UT7500-25
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =4.5V, IOUT=10mA
2.425
2.5
2.575
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =4.5V
60
100
mA
Load Regulation
∆VOUT
VIN =4.5V, 1mA≦IOUT≦50mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
∆V
∆V
3.5V≦VIN≦12V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =4.5V , No load
10
20
μA
Temperature Coefficient
A
OUT
∆T
∆V
VIN =4.5V , IOUT=10mA
0°С<TA<70°С
±0.45
mV/°С
FOR UT7500-30
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =5.0V, IOUT=10mA
2.91
3.0
3.09
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =5.0V
60
100
mA
Load Regulation
∆VOUT
VIN =5.0V, 1mA≦IOUT≦50mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
∆V
∆V
4V≦VIN≦12V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =5.0V , No load
10
20
μA
Temperature Coefficient
A
OUT
∆T
∆V
VIN =5.0V , IOUT=10mA
0°С<TA<70°С
±0.45
mV/°С



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com